Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C109 Datasheet (PDF) - Microchip Technology

RE46C109 Datasheet PDF - Microchip Technology
Part # RE46C109
Download  RE46C109 Download
File Size   177.73 Kbytes
Page   9 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver

RE46C109 Datasheet (PDF)

Go To PDF Page Download Datasheet
RE46C109 Datasheet PDF - Microchip Technology

Part # RE46C109
Download  RE46C109 Click to download

File Size   177.73 Kbytes
Page   9 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver

RE46C109 Datasheet (HTML) - Microchip Technology


RE46C109 Product details

General Description
The RE46C109 is intended for use in applications where low voltage regulation and a high voltage horn driver are required. The circuit features a voltage boost converter/regulator and driver circuit suitable for driving a piezoelectric horn. The horn enable pin activates the boost converter and horn driver circuit. Supply current is 6.5uA maximum when the boost regulator and horn driver are not in use. A 3V regulator is also provided for microprocessor voltage regulation. Low battery detection and signaling are also available. Interconnect pins are provided to allow communication in multiple unit environments. A power good pin monitors the status of the regulator output.

Features
• Low Quiescent Current
• 12V Boost Regulator
• Low Horn Driver Ron
• 3V Regulator, Other Options Available
• Low Battery Detection Interface
• Power Good and Brownout Circuits
• Device interconnection
• Available in DIP and SOIC packages
• Available in Standard Packaging or RoHS Compliant Pb Free Packaging

Applications
    Smoke detectors
    CO Detectors
    Personal Security Products
    Electronic Games
    Hand Held Instruments




Similar Part No. - RE46C109

ManufacturerPart #DatasheetDescription
logo
R & E International, In...
RE46C100 RANDE-RE46C100 Datasheet
42Kb / 3P
Piezoelectric Horn Driver Circuit
logo
Microchip Technology
RE46C100 MICROCHIP-RE46C100 Datasheet
124Kb / 4P
Piezoelectric Horn Driver Circuit
2009
RE46C100 MICROCHIP-RE46C100 Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
RE46C100D8F MICROCHIP-RE46C100D8F Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
RE46C100D8TF MICROCHIP-RE46C100D8TF Datasheet
631Kb / 18P
Piezoelectric Horn Driver Circuit
03/25/14
More results


Similar Description - RE46C109

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAXQ3210 MAXIM-MAXQ3210 Datasheet
451Kb / 28P
Microcontroller with Internal Voltage Regulator, Piezoelectric Horn Driver, and Comparator
Rev 1; 5/06
logo
Microchip Technology
RE46C117 MICROCHIP-RE46C117 Datasheet
214Kb / 6P
DC to DC Converter and Piezoelectric Horn Driver
2009
RE46C107 MICROCHIP-RE46C107 Datasheet
214Kb / 7P
DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
Piezoelectric Horn Driver and Voltage Converter
2009
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
Piezoelectric Horn Driver and Voltage Regulator
2009
RE46C105 MICROCHIP-RE46C105 Datasheet
90Kb / 5P
Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C119 MICROCHIP-RE46C119 Datasheet
176Kb / 9P
Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C317 MICROCHIP-RE46C317 Datasheet
577Kb / 22P
Piezoelectric Horn Driver with Boost Converter
11/29/12 2012-2013
RE46C107S16F MICROCHIP-RE46C107S16F Datasheet
127Kb / 9P
DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com