Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C105 Datasheet (PDF) - Microchip Technology

RE46C105 Datasheet PDF - Microchip Technology
Part # RE46C105
Download  RE46C105 Download
File Size   90.79 Kbytes
Page   5 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Piezoelectric Horn Driver with Voltage Regulator and LED Driver

RE46C105 Datasheet (PDF)

Go To PDF Page Download Datasheet
RE46C105 Datasheet PDF - Microchip Technology

Part # RE46C105
Download  RE46C105 Click to download

File Size   90.79 Kbytes
Page   5 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Piezoelectric Horn Driver with Voltage Regulator and LED Driver

RE46C105 Datasheet (HTML) - Microchip Technology


RE46C105 Product details

General Description

The RE46C105 is a piezoelectric horn driver with a voltage regulator and an open drain NMOS driver suitable for use with a light emitting diode. It is intended for 9V battery applications which require a low voltage logic supply. The regulator can be operated at either 3.3V or 5V. The horn feedback control pin is designed for use with self-oscillating piezoelectric horn but can also be used in direct drive applications. A low battery detection circuit is also provided.



Features

• Low Quiescent Current

• Low Horn Driver Ron

• Voltage Regulation to 3.3V or 5V

• Low Battery Detection

• Available in DIP and SOIC packaging

• Available in Standard Packaging or RoHS Compliant Pb Free Packaging



Applications

Smoke detectors

CO Detectors

Personal Security Products

Electronic Toys




Similar Part No. - RE46C105

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C105 MICROCHIP-RE46C105 Datasheet
90Kb / 5P
Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
More results


Similar Description - RE46C105

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RE46C101 ETC-RE46C101 Datasheet
42Kb / 3P
Piezoelectric Horn Driver and LED Driver Circuit
logo
Maxim Integrated Produc...
MAXQ3210 MAXIM-MAXQ3210 Datasheet
451Kb / 28P
Microcontroller with Internal Voltage Regulator, Piezoelectric Horn Driver, and Comparator
Rev 1; 5/06
logo
Microchip Technology
RE46C107 MICROCHIP-RE46C107 Datasheet
214Kb / 7P
DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
RE46C101 MICROCHIP-RE46C101 Datasheet
214Kb / 4P
Piezoelectric Horn Driver and LED Driver Circuit
2009
RE46C104 MICROCHIP-RE46C104 Datasheet
83Kb / 5P
Piezoelectric Horn Driver and Voltage Converter
2009
RE46C108 MICROCHIP-RE46C108 Datasheet
81Kb / 4P
Piezoelectric Horn Driver and Voltage Regulator
2009
RE46C109 MICROCHIP-RE46C109 Datasheet
177Kb / 9P
Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C119 MICROCHIP-RE46C119 Datasheet
176Kb / 9P
Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
2009
RE46C107S16F MICROCHIP-RE46C107S16F Datasheet
127Kb / 9P
DC to DC Converter, Voltage Regulator and Piezoelectric Horn Driver
2009
RE46C105E14F MICROCHIP-RE46C105E14F Datasheet
90Kb / 5P
Piezoelectric Horn Driver with Voltage Regulator and LED Driver
2009
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com