Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C109 Datasheet(PDF) 5 Page - Microchip Technology

Part # RE46C109
Description  Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C109 Datasheet(HTML) 5 Page - Microchip Technology

  RE46C109 Datasheet HTML 1Page - Microchip Technology RE46C109 Datasheet HTML 2Page - Microchip Technology RE46C109 Datasheet HTML 3Page - Microchip Technology RE46C109 Datasheet HTML 4Page - Microchip Technology RE46C109 Datasheet HTML 5Page - Microchip Technology RE46C109 Datasheet HTML 6Page - Microchip Technology RE46C109 Datasheet HTML 7Page - Microchip Technology RE46C109 Datasheet HTML 8Page - Microchip Technology RE46C109 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RE46C109
Voltage Regulator, Voltage Converter and
R&E International
Piezoelectric Horn Driver
A Subsidiary of Microchip Technology Inc.
Product Specification
© 2009 Microchip Technology Inc.
DS22168A-page 5
PIN DESCRIPTIONS
VDD
(Pin 1, Input) - Connect to the positive
terminal of the supply voltage for the voltage
regulator, charge pump voltage converter
and bi-directional Interconnect block.
IO1
(Pin 2, Input/Output) - This bi-directional
pin provides an interface to additional
RE46C109 IO1 pins. This serves as a
communication link between separate
modules.
IODIR
(Pin 3, Input) - This input provides
control for the bi-directional pins IO1 and
IO2.
IO2
(Pin 4, Input/Output) - This bi-directional
pin provides an interface to a TTL/CMOS I/O
of a uP or ASIC. Refer to the interconnect
logic truth table.
LBST
(Pin 5, Input) - This input provides an
enable or strobe control for the analog low
battery detection function.
PG
(Pin 6, Output) - This open drain NMOS
output provides a status indication of when
the VREG output is above or below a
specified voltage level.
HRNEN
(Pin 7, Input) - This input provides
activation control for the charge pump boost
regulator and horn driver outputs.
VSS
(Pin 8, Input) - This power pin is
connected to the negative terminal of the
supply voltage.
FEEDBACK
(Pin9, Input) - Horn driver
input.
HORNS
(Pin10, Output) - Horn output driver
which provides VPOS to VSS output voltage
swing for the piezoelectric horn.
HORNB
(Pin11, Output) - Horn output driver
which provides VPOS to VSS output voltage
swing for the piezoelectric horn.
LBAT
(Pin12, Output) - Analog output
voltage that is proportional to the VDD
supply and functions as a low battery
detection output.
VREG
(Pin13, Output) - Voltage regulator
output, requires an external capacitor.
VCAP-
(Pin14, I/O) - Negative terminal for
the external charge pump boost (fly)
capacitor.
VCAP+
(Pin 15, I/O) - Positive terminal for
the external charge pump boost (fly)
capacitor.
VPOS
(Pin 16, Output) - This output pin
requires an external filter capacitor which
supplies voltage for the horn driver outputs.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com