Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C109 Datasheet(PDF) 2 Page - Microchip Technology

Part # RE46C109
Description  Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C109 Datasheet(HTML) 2 Page - Microchip Technology

  RE46C109 Datasheet HTML 1Page - Microchip Technology RE46C109 Datasheet HTML 2Page - Microchip Technology RE46C109 Datasheet HTML 3Page - Microchip Technology RE46C109 Datasheet HTML 4Page - Microchip Technology RE46C109 Datasheet HTML 5Page - Microchip Technology RE46C109 Datasheet HTML 6Page - Microchip Technology RE46C109 Datasheet HTML 7Page - Microchip Technology RE46C109 Datasheet HTML 8Page - Microchip Technology RE46C109 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RE46C109
Voltage Regulator, Voltage Converter and
R&E International
Piezoelectric Horn Driver
A Subsidiary of Microchip Technology Inc.
Product Specification
© 2009 Microchip Technology Inc.
DS22168A-page 2
Electrical Characteristics at TA=27°C, Vdd=9V, Vss=0V (unless otherwise noted).
Limits
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNITS
Supply Voltage
Vdd
Operating
6
12
V
Quiescent Supply
Current
Idd1
HRNEN, LBST, IODIR, FEED,
REGSEL=VSS, No Loads
4.7
6.5
uA
Supply Current
Idd2
LBST, IODIR, FEED =VSS
HRNEN=VDD, No Loads
350
uA
Iin
All Inputs except FEED, Vin=VDD
or VSS
-100
100
nA
Iihf
FEED=+22V
20
50
uA
Input Leakage
Iilf
FEED=-10V
-50
-15
uA
Output Leakage
Iout
PG = 5.0v
1.0
uA
Input Voltage Low
Vil
All Inputs except FEED
1
V
Input Voltage
High
Vih
All Inputs Except FEED
2.3
V
Vol1
HORNB or HORNS; Iout=16mA;
.3
.5
V
Vol2
IO2, Iout=100uA;
IODIR=Vil , IO1=Vil
.3
.5
V
Output Low Voltage
Vol3
PG, Iout=5.0mA;
.5
V
Voh1
HORNB or HORNS; Iout=-16mA
Vpos-.5
Vpos-.3
V
Output High
Voltage
Voh2
IO2, Iout=-100uA;
IODIR=Vil , IO1=Vih
Vreg -.5
Vreg -.3
V
VPOS RMS Output
Voltage
Vvpos
VPOS; Iout=-16mA;
HRNEN=VDD
10.7
11.8
12.7
V
Charge pump
Oscillator Frequncy
CPf
150
kHz
Charge pump
Power Efficiency
CPpe
VPOS; Iout=-16mA, C1=1uF
C2=10uF; Vdd=6.5v
85
%
Charge pump
Voltage Efficiency
CPve
VPOS; No Loads, C1=1uF
C2=10uF; Vdd=6.0v
95
99
%
Low Battery
Interface
Lbv
LBAT; LBST=Vdd
.17 *Vdd
.2*Vdd
.23*Vdd
V
VREG Voltage
Vreg
VREG; Iout<50mA; HRNEN=VSS
2.85
3
3.15
V
VREG Line
Regulation
Vregln
VREG; Vdd=6V to 12V; VREG
Iout=10mA; HRNEN = VSS; Note 3
50
mV
VREG Load
Regulation
Vregld
VREG; Iout=0 to -50mA;
HRNEN=VSS; Note 3
90
mV
Brownout
Threshold
Vbvt
Falling Edge of VDD; Note 1
4.5
5.0
5.5
V
Brownout Pull
Down Current
Ibt
Vdd=4.5V, Vreg=2v
15
25
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com