Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C109 Datasheet(PDF) 3 Page - Microchip Technology

Part # RE46C109
Description  Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C109 Datasheet(HTML) 3 Page - Microchip Technology

  RE46C109 Datasheet HTML 1Page - Microchip Technology RE46C109 Datasheet HTML 2Page - Microchip Technology RE46C109 Datasheet HTML 3Page - Microchip Technology RE46C109 Datasheet HTML 4Page - Microchip Technology RE46C109 Datasheet HTML 5Page - Microchip Technology RE46C109 Datasheet HTML 6Page - Microchip Technology RE46C109 Datasheet HTML 7Page - Microchip Technology RE46C109 Datasheet HTML 8Page - Microchip Technology RE46C109 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RE46C109
Voltage Regulator, Voltage Converter and
R&E International
Piezoelectric Horn Driver
A Subsidiary of Microchip Technology Inc.
Product Specification
© 2009 Microchip Technology Inc.
DS22168A-page 3
Electrical Characteristics at TA=27°C, Vdd=9V, Vss=0V (unless otherwise noted).
Limits
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNITS
VREG Over
Voltage Clamp
Vcl
Iout>1mA; Note 2
3.7
4.0
4.3
V
VREG Over
Voltage
Clamp Current
Icl
VREG≥Vcl
0.5
mA
PGvtr
Vreg output rising
77
84
94
%Vreg
PG Trip Threshold
PGvtf
Vreg output falling
72
80
88
%Vreg
PG Delay
PGtdly
Delay time with respect to PGvtr
500
usec
IO1ih1
IODIR=Vil, IO1=Vdd-2V, Vdd=12V
25
60
UA
IO1ih2
IODIR=Vil, IO1=17V, Vdd=12V
150
UA
IO1ioh1
IODIR, IO2=Vih, Vdd=6.5V,
IO1=4.5V
-4
mA
IO1ioh2
IODIR, IO2=Vih, Vdd=12V,
IO1=Vss
-16
mA
IO1 Output Current
IO1iol1
IO dump current
IODIR= Vih, IO2=Vil, IO1=1V
10
15
mA
IO1vih
IODIR=Vil
3
V
IO1 Alarm Voltage
IO1vil
IODIR=Vil
1.5
V
Unless noted the limits at room temperature are guaranteed and 100% production tested. Limits over temperature are guaranteed but not
100% tested.
Note 1: The brown-out threshold voltage is the Vdd voltage at which the regulator will be disabled and VREG (output) will be pulled to Vss.
Note 2: In normal operation, the regulator will provide high-side current of up to 50mA, but current sinking capability is typically under 1uA. The
overvoltage clamp, Vcl is intended to limit the voltage at VREG (output) when it is pulled up by an external source.
Note 3: Not 100% production tested but limits are guaranteed by design.
Interconnect Logic Truth Table
IO2 (pin 4)
IO1 (pin 2)
IODIR
(pin 3)
Input
Output
Input
Output
1
0
0
1
1
1
0
0
0
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com