Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RE46C109 Datasheet(PDF) 6 Page - Microchip Technology

Part # RE46C109
Description  Voltage Regulator, Voltage Converter and Piezoelectric Horn Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C109 Datasheet(HTML) 6 Page - Microchip Technology

  RE46C109 Datasheet HTML 1Page - Microchip Technology RE46C109 Datasheet HTML 2Page - Microchip Technology RE46C109 Datasheet HTML 3Page - Microchip Technology RE46C109 Datasheet HTML 4Page - Microchip Technology RE46C109 Datasheet HTML 5Page - Microchip Technology RE46C109 Datasheet HTML 6Page - Microchip Technology RE46C109 Datasheet HTML 7Page - Microchip Technology RE46C109 Datasheet HTML 8Page - Microchip Technology RE46C109 Datasheet HTML 9Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
RE46C109
Voltage Regulator, Voltage Converter and
R&E International
Piezoelectric Horn Driver
A Subsidiary of Microchip Technology Inc.
Product Specification
© 2009 Microchip Technology Inc.
DS22168A-page 6
Device Operation
(Please refer to the functional block diagram)
The RE46C109 consists of the following main functional blocks: band gap voltage reference, low drop-out voltage
regulator (with over voltage clamp and power supply brownout protection), low battery detection, switched
capacitor 12 volt boost regulator, horn driver and Interconnect logic.
When power is applied the band gap voltage reference and the voltage regulator output are initially enabled. The
low battery detection, horn driver outputs and switched capacitor 12v boost regulator are enabled by TTL
compatible positive logic control inputs.
When the HRNEN (Horn Enable) input is brought to a logic high level, the horn driver outputs as well as the 12v
boost regulator become active. The 12v boost regulator supplies the horn driver outputs. The 12v boost regulator
utilizes a charge pump to boost the Vdd supply input to a regulated 12-volt output. The charge pump consists of
an internal oscillator that is controlled in a voltage comparator feedback configuration.
The low battery detection is enabled and strobed when the LBST input is brought to a logic high level. The LBAT
output is a voltage follower amplifier whose input is determined by a resistor divider across the device supply rails.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com