Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J307T Datasheet (PDF) - Toshiba Semiconductor

SSM3J307T Datasheet PDF - Toshiba Semiconductor
Part # SSM3J307T
Download  SSM3J307T Download
File Size   213.82 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSV)

SSM3J307T Datasheet (PDF)

Go To PDF Page Download Datasheet
SSM3J307T Datasheet PDF - Toshiba Semiconductor

Part # SSM3J307T
Download  SSM3J307T Click to download

File Size   213.82 Kbytes
Page   6 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSV)

SSM3J307T Datasheet (HTML) - Toshiba Semiconductor


SSM3J307T Product details

○ Power Management Switch Applications
○ High-Speed Switching Applications
• 1.5 V drive
• Low ON-resistance: Ron = 83 mΩ (max) (@VGS = -1.5 V)
                                   Ron = 56 mΩ (max) (@VGS = -1.8 V)
                                   Ron = 40 mΩ (max) (@VGS = -2.5 V)
                                   Ron = 31 mΩ (max) (@VGS = -4.5 V)




Similar Part No. - SSM3J307T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J307T TOSHIBA-SSM3J307T Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
VBsemi Electronics Co.,...
SSM3J307T VBSEMI-SSM3J307T Datasheet
501Kb / 9P
P-Channel 30 V (D-S) MOSFET
More results


Similar Description - SSM3J307T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ620 TOSHIBA-2SJ620 Datasheet
225Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-?-MOSV)
SSM3J129TU TOSHIBA-SSM3J129TU Datasheet
193Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSV)
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
TPC6111 TOSHIBA-TPC6111 Datasheet
207Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOSV)
TPC8119 TOSHIBA-TPC8119 Datasheet
206Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOSV)
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
2SJ567 TOSHIBA-2SJ567_09 Datasheet
184Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com