Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8119 Datasheet (PDF) - Toshiba Semiconductor

TPC8119 Datasheet PDF - Toshiba Semiconductor
Part # TPC8119
Download  TPC8119 Download
File Size   206.95 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P Channel MOS Type (U-MOSV)

TPC8119 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8119 Datasheet PDF - Toshiba Semiconductor

Part # TPC8119
Download  TPC8119 Click to download

File Size   206.95 Kbytes
Page   7 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P Channel MOS Type (U-MOSV)

TPC8119 Datasheet (HTML) - Toshiba Semiconductor


TPC8119 Product details

Lithium-Ion Battery Applications

Load switch Applications

Notebook PC Applications



•  Small footprint due to a small and thin package

•  Low drain-source ON-resistance: RDS (ON)= 10 mΩ(typ.)

•  High forward transfer admittance: |Yfs| = 24 S (typ.)

•  Low leakage current: IDSS = −10 μA (max) (VDS= −30 V)

•  Enhancement mode: Vth= −0.8 to −2.0 V (VDS= −10 V, ID= −1 mA)



 




Similar Part No. - TPC8119

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8119 TOSHIBA-TPC8119 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
More results


Similar Description - TPC8119

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SJ620 TOSHIBA-2SJ620 Datasheet
225Kb / 6P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (L2-?-MOSV)
SSM3J129TU TOSHIBA-SSM3J129TU Datasheet
193Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSV)
SSM3J130TU TOSHIBA-SSM3J130TU Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J307T TOSHIBA-SSM3J307T Datasheet
213Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOSV)
TPC6111 TOSHIBA-TPC6111 Datasheet
207Kb / 7P
Field Effect Transistor Silicon P Channel MOS Type (U-MOSV)
TPCC8102 TOSHIBA-TPCC8102 Datasheet
223Kb / 7P
Field Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM3J327F TOSHIBA-SSM3J327F Datasheet
192Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
SSM6J212FE TOSHIBA-SSM6J212FE Datasheet
196Kb / 6P
Field-Effect Transistor Silicon P-Channel MOS Type (U-MOS??
2SJ567 TOSHIBA-2SJ567_09 Datasheet
184Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (MOSV)
2SJ567(TE16L1,NQ) TOSHIBA-2SJ567(TE16L1,NQ) Datasheet
182Kb / 6P
TOSHIBA Field Effect Transistor Silicon P-Channel MOS Type (-MOSV)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com