Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPC8406-H Datasheet (PDF) - Toshiba Semiconductor

TPC8406-H Datasheet PDF - Toshiba Semiconductor
Part # TPC8406-H
Download  TPC8406-H Download
File Size   295.79 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P/N-Channel MOS Type (P-Channel竊뢓-Channel Ultra-High-Speed U-MOSIII)

TPC8406-H Datasheet (PDF)

Go To PDF Page Download Datasheet
TPC8406-H Datasheet PDF - Toshiba Semiconductor

Part # TPC8406-H
Download  TPC8406-H Click to download

File Size   295.79 Kbytes
Page   11 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description Field Effect Transistor Silicon P/N-Channel MOS Type (P-Channel竊뢓-Channel Ultra-High-Speed U-MOSIII)

TPC8406-H Datasheet (HTML) - Toshiba Semiconductor


TPC8406-H Product details

High Efficiency DC/ DC Converter Applications
Notebook PC Applications
Portable Equipment Applications
CCFL Inverter Applications

• Small footprint due to a small and thin package
• High speed switching
• Low drain-source ON-resistance: P-Channel RDS (ON) = 24 mΩ (typ.)
                                                        N-Channel RDS (ON) = 22 mΩ (typ.)
• Small gate charge: P-Channel QSW = 9.7 nC (typ.)
                                 N-Channel QSW = 3.5 nC (typ.)
• High forward transfer admittance: P-Channel |Yfs| = 13 S (typ.)
                                                         N-Channel |Yfs| = 14 S (typ.)
• Low leakage current: P-Channel IDSS = −10 μA (VDS = −40 V)
                                     N-Channel IDSS = 10 μA (VDS = 40 V)
• Enhancement mode
   : P-Channel Vth = −0.8 to −2.0 V (VDS = −10 V, ID = −1 mA)
   : N-Channel Vth = 1.1 to 2.3 V (VDS = 10 V, ID = 1 mA)




Similar Part No. - TPC8406-H

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
TPC8406-H VBSEMI-TPC8406-H Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
More results


Similar Description - TPC8406-H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TPC8107 TOSHIBA-TPC8107 Datasheet
219Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC6104 TOSHIBA-TPC6104 Datasheet
205Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCA8102 TOSHIBA-TPCA8102 Datasheet
182Kb / 4P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPCS8303 TOSHIBA-TPCS8303 Datasheet
227Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (U-MOSIII)
TPC8020-H TOSHIBA-TPC8020-H Datasheet
88Kb / 7P
Field Effect Transistor Silicon N Channel MOS Type (Ultra High-Speed U-MOSIII)
TPCP8001-H TOSHIBA-TPCP8001-H Datasheet
249Kb / 7P
TOSHIBA Field Effect Transistor Silicon N Channel MOS Type (Ultra High speed U-MOSIII)
TPCP8103-H TOSHIBA-TPCP8103-H Datasheet
212Kb / 4P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra High speed U-MOSIII)
TPCA8022-H TOSHIBA-TPCA8022-H Datasheet
249Kb / 7P
Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPC8020-H TOSHIBA-TPC8020-H_06 Datasheet
458Kb / 7P
Field Effect Transistor Silicon N-Channel MOS Type (Ultra-High-Speed U-MOSIII)
TPC6109-H TOSHIBA-TPC6109-H Datasheet
264Kb / 7P
TOSHIBA Field Effect Transistor Silicon P Channel MOS Type (Ultra-High-Speed U-MOSIII)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com