Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM115 Datasheet (PDF) - Silicon Touch Technology Inc.

DM115 Datasheet PDF - Silicon Touch Technology Inc.
Part # DM115
Download  DM115 Download
File Size   304.95 Kbytes
Page   26 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description 8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage

DM115 Datasheet (PDF)

Go To PDF Page Download Datasheet
DM115 Datasheet PDF - Silicon Touch Technology Inc.

Part # DM115
Download  DM115 Click to download

File Size   304.95 Kbytes
Page   26 Pages
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.
Description 8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage

DM115 Datasheet (HTML) - Silicon Touch Technology Inc.


DM115 Product details

General Description
The DM114、 DM115 is the constant current driver specifically designed for LED display applications. The value of constant current can be varied using an external resistor. The devices include an 8-bit shift register, latches, and constant current drivers on a single Silicon CMOS chip.

Features
● Maximum Output Voltage: 17V
● Maximum Clock Frequency: 25MHz (Cascade Operation)
● Power Supply Voltage: 3.3V to 5.0V
● CMOS Compatible Input
● Package: PDIP16, SOP16, SSOP16
● Package and Pin Layout: Pin layout and functionality are similar to those of the ST2221A. (Each characteristic value is different.)
● Constant Current Matching: (Ta = 25°C、 VDD = 5.0V) Chip-to-Chip: ± 10.0%
    DM114: Bit-to-Bit: ± 4.0% @ IOUT = 30 ~ 90mA ± 6.0% @ IOUT = 20 ~ 30mA
    DM115: Bit-to-Bit: ± 4.0% @ IOUT = 20 ~ 60mA ± 6.0% @ IOUT = 5 ~ 20mA




Similar Part No. - DM115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM115 ETC1-DM115 Datasheet
232Kb / 17P
8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
ITT Industries
DM115224-1010A ITT-DM115224-1010A Datasheet
9Mb / 301P
D Subminiature Connectors
DM115224-1020A ITT-DM115224-1020A Datasheet
9Mb / 301P
D Subminiature Connectors
DM115224-1040A ITT-DM115224-1040A Datasheet
9Mb / 301P
D Subminiature Connectors
DM115224-2010A ITT-DM115224-2010A Datasheet
9Mb / 301P
D Subminiature Connectors
More results


Similar Description - DM115

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM134B ETC-DM134B Datasheet
255Kb / 19P
16 BIT CONSTANT CURRENT LED DRIVERS WITH 3.3V-5V SUPPLY VOLTAGE
DM115 ETC1-DM115 Datasheet
232Kb / 17P
8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
logo
Texas Instruments
TLC5916 TI-TLC5916 Datasheet
765Kb / 30P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
logo
Toshiba Semiconductor
TB62726AFNA TOSHIBA-TB62726AFNA Datasheet
149Kb / 12P
16-bit constant current LED driver with operating supply of 3.3V to 5V
logo
Silicon Touch Technolog...
DM115B SITI-DM115B Datasheet
239Kb / 17P
8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
DM134B SITI-DM134B Datasheet
337Kb / 20P
16-Bit Constant Current LED Drivers with 3.3v ~ 5v Supply Voltage
logo
Texas Instruments
TLC5916 TI-TLC5916_08 Datasheet
855Kb / 30P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916 TI-TLC5916_10 Datasheet
801Kb / 30P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1 Datasheet
588Kb / 26P
8-BIT CONSTANT-CURRENT LED SINK DRIVERS
TLC5916-Q1 TI1-TLC5916-Q1_16 Datasheet
713Kb / 34P
8-Bit Constant-Current LED Sink Drivers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com