Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM115 Datasheet(PDF) 2 Page - Silicon Touch Technology Inc.

Part # DM115
Description  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM115 Datasheet(HTML) 2 Page - Silicon Touch Technology Inc.

  DM115 Datasheet HTML 1Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 2Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 9Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
DM114
、DM115
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.007
Page 1
DM114、DM115
8-Bit CONSTANT CURRENT LED DRIVERS with
3.3v ~ 5v Supply Voltage
General Description
The DM114、DM115 is the constant current driver specifically designed for LED display
applications. The value of constant current can be varied using an external resistor. The devices
include an 8-bit shift register, latches, and constant current drivers on a single Silicon CMOS chip.
Features
Maximum Output Voltage:
17V
Maximum Clock Frequency: 25MHz (Cascade Operation)
Power Supply Voltage:
3.3V to 5.0V
CMOS Compatible Input
Package:
PDIP16, SOP16, SSOP16
Package and Pin Layout:
Pin layout and functionality are similar to those of the ST2221A.
(Each characteristic value is different.)
Constant Current Matching: (Ta = 25
°C、VDD = 5.0V)
Chip-to-Chip:
± 10.0%
DM114: Bit-to-Bit:
± 4.0% @ IOUT = 30 ~ 90mA
± 6.0% @ IOUT = 20 ~ 30mA
DM115: Bit-to-Bit:
± 4.0% @ IOUT = 20 ~ 60mA
± 6.0% @ IOUT = 5 ~ 20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com