Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM115 Datasheet(PDF) 7 Page - Silicon Touch Technology Inc.

Part # DM115
Description  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM115 Datasheet(HTML) 7 Page - Silicon Touch Technology Inc.

Back Button DM115 Datasheet HTML 3Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 4Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 5Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 6Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 7Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 8Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 11Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
DM114
、DM115
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.007
Page 6
Electrical Characteristics (VDD = 5.0 V, Ta = 25°C unless otherwise noted)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Input Voltage “H” Level
VIH
⎯
0.7VDD
⎯
VDD
Input Voltage “L” Level
VIL
⎯
GND
⎯
0.3VDD
V
IIH
SERIAL_IN =VDD
⎯
⎯
1
SERIAL_IN
IIL
SERIAL_IN =GND
⎯
⎯
1
uA
IIH
CLOCK=VDD
⎯
⎯
1
CLOCK
IIL
CLOCK=GND
⎯
⎯
1
uA
IIH
LATCH
=VDD
16
⎯
50
LATCH
IIL
LATCH
=GND
⎯
⎯
1
uA
IIH
ENABLE
=VDD
⎯
⎯
1
Input
Current
ENABLE
IIL
ENABLE
=GND
8.3
⎯
25
uA
Output Leakage Current
IOH
VOH = 17 V
⎯
⎯
1.0
uA
VOL
IOL = 1.0 mA, VDD=5V
⎯
⎯
0.4
VOH
IOH = -1.0 mA, VDD=5V
4.6
⎯
⎯
VOL
IOL = 1.0 mA, VDD=3.3V
⎯
⎯
0.4
Output Voltage ( S - OUT)
VOH
IOH = -1.0 mA, VDD=3.3V
2.7
⎯
⎯
V
DM114
REXT = 390
Ω
Output Current (Bit-Bit)
Δ
Iout
DM115
VOUT = 1.2V
(1 channel on)
REXT = 780
Ω
⎯
±
1.5
±
4
%
DM114
REXT = 390
Ω
36.0
40.0
44.0
Output Current
(Chip-Chip)
Iout
DM115
VOUT = 1.2V
(1 channel on)
REXT = 780
Ω
18.0
20.0
22.0
mA
Output Voltage Regulation
% / Vout
Vdd = 3.3V ~ 5.0V
⎯
0.1
0.5
% / V
Pull-Up Resistor
RIN(up)
⎯
200
400
600
K
Ω
Pull-Down Resistor
RIN(down)
⎯
100
200
300
K
Ω
REXT = OPEN, all outputs off
⎯
1.3
⎯
DM114
REXT = 200
Ω, OUT0~7 = off
11.0
REXT = OPEN, all outputs off
⎯
5.0
⎯
Supply Current “OFF”
Idd (off)
VDD=5V
DM115
REXT = 300
Ω, OUT0~7 = off
⎯
11.0
⎯
DM114
REXT = 200
Ω, OUT0~7 = on
⎯
11.0
⎯
Supply Current “ON”
Idd (on)
VDD=5V
DM115
REXT = 300
Ω, OUT0~7 = on
⎯
11.0
⎯
mA
REXT = OPEN, all outputs off
⎯
1.1
⎯
DM114
REXT = 200
Ω, OUT0~7 = off
10.7
REXT = OPEN, all outputs off
⎯
1.1
⎯
Supply Current “OFF”
Idd (off)
VDD=3.3V
DM115
REXT = 300
Ω, OUT0~7 = off
⎯
7.2
⎯
DM114
REXT = 200
Ω, OUT0~7 = on
⎯
10.7
⎯
Supply Current “ON”
Idd (on)
VDD=3.3V DM115
REXT = 300
Ω, OUT0~7 = on
⎯
7.2
⎯
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com