Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM115 Datasheet(PDF) 13 Page - Silicon Touch Technology Inc.

Part # DM115
Description  8-Bit CONSTANT CURRENT LED DRIVERS with 3.3v ~ 5v supply voltage
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITI [Silicon Touch Technology Inc.]
Direct Link  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

DM115 Datasheet(HTML) 13 Page - Silicon Touch Technology Inc.

Back Button DM115 Datasheet HTML 9Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 10Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 11Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 12Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 13Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 14Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 15Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 16Page - Silicon Touch Technology Inc. DM115 Datasheet HTML 17Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
DM114
、DM115
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
8-BIT CONSTANT CURRENT LED DRIVERS with 3.3V~5V supply voltage
Version:A.007
Page 12
System Configuration Example
[1] Output current (IOUT)
Sink current is set by the external resistor as shown in figure (Iout vs. Rext).
[2] LED supply voltage (VLED) setup
VLED
= V
CE ( Tr Vsat ) + Vf ( LED forward voltage ) + VO ( IC supply voltage)
To prevent too much power dissipated by the device due to higher V
LED , an additional R can
be used to reduce the Vout when the outputs consume current:
R =
(max)
(max)
(min)
Bit
I
V
V
V
O
O
f
LED
•
−
−
Note
This device has only one ground pin shared by signal, output sink current, and power ground.
It is advisable to pattern the ground layout with minimized inductance such that the switching
noise induced by the input signals and the output sink current would not cause chip malfunction. To
prevent the drivers’ outputs from damage by overshoot stress, it is also advisable not to turn off the
drivers and scan transistors simultaneously.
V DD
SER I A L -O U T
R
V LE D = 3~4 (V )
OU T 7
OU T 0
GN D
R-E X T
LA T C H
CP U
SER I A L -IN
EN ABL E
SC AN
CL O C K
SER I A L -O U T
OU T 7
OU T 0
GN D
R-E X T
LA T C H
SER I A L -IN
EN ABL E
CL O C K
Vo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com