Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6286 Datasheet (PDF) - Microchip Technology

MCP6286 Datasheet PDF - Microchip Technology
Part # MCP6286
Download  MCP6286 Download
File Size   430.9 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Noise, Low Power Op Amp

MCP6286 Datasheet (PDF)

Go To PDF Page Download Datasheet
MCP6286 Datasheet PDF - Microchip Technology

Part # MCP6286
Download  MCP6286 Click to download

File Size   430.9 Kbytes
Page   28 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Low Noise, Low Power Op Amp

MCP6286 Datasheet (HTML) - Microchip Technology


MCP6286 Product details

Description
The Microchip Technology Inc. MCP6286 operational amplifier (op amp) has low noise (5.4 nV/√Hz, typical), low power (520 µA, typical) and rail-to-rail output operation. It is unity gain stable and has a gain bandwidth product of 3.5 MHz (typical). This device operates with a single supply voltage as low as 2.2V, while drawing low quiescent current. These features make the product well suited for single-supply, low noise, battery-powered applications.

Features
• Low Noise: 5.4 nV/√Hz (typical)
• Low Quiescent Current: 520 µA (typical)
• Rail-to-Rail Output
• Wide Supply Voltage Range: 2.2V to 5.5V
• Gain Bandwidth Product: 3.5 MHz (typical)
• Unity Gain Stable
• Extended Temperature Range: -40°C to +125°C
• No Phase Reversal
• Small Package

Applications
• Noise Cancellation Headphones
• Cellular Phones
• Analog Filters
• Sensor Conditioning
• Portable Instrumentation
• Medical Instrumentation
• Battery Powered Systems

Design Aids
• SPICE Macro Models
• FilterLab® Software
• Mindi™ Circuit Designer & Simulator
• MAPS (Microchip Advanced Part Selector)
• Analog Demonstration and Evaluation Boards
• Application Notes




Similar Part No. - MCP6286

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
450 UA, 5 MHz Rail-to-Rail Op Amp
2004
MCP6281 MICROCHIP-MCP6281 Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6281-E/CH MICROCHIP-MCP6281-E/CH Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6281-E/MS MICROCHIP-MCP6281-E/MS Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6281-E/OT MICROCHIP-MCP6281-E/OT Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
More results


Similar Description - MCP6286

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD795 AD-AD795 Datasheet
331Kb / 16P
Low Power, Low Noise Precision FET Op Amp
REV.A
logo
AUK corp
S4558 AUK-S4558 Datasheet
236Kb / 4P
Low Noise Dual OP AMP
S4558P AUK-S4558P Datasheet
240Kb / 3P
Low Noise Dual OP AMP
S45S58 AUK-S45S58 Datasheet
53Kb / 3P
Low Noise Single OP AMP
logo
Analog Devices
AD795 AD-AD795_02 Datasheet
278Kb / 16P
Low Power, Low Noise Precision FET Op Amp
REV. B
logo
Linear Technology
LT1007X LINER-LT1007X Datasheet
54Kb / 1P
Low Noise 200째C Op Amp
logo
Analog Devices
AD795 AD-AD795_09 Datasheet
276Kb / 20P
Low Power, Low Noise Precision FET Op Amp
REV. C
AD795 AD-AD795_15 Datasheet
276Kb / 20P
Low Power, Low Noise Precision FET Op Amp
REV. C
logo
Linear Technology
LT1007X LINER-LT1007X_15 Datasheet
154Kb / 1P
Low Noise 200C Op Amp
logo
KODENSHI_AUK CORP.
S4558 KODENSHI-S4558 Datasheet
185Kb / 4P
Low Noise Dual OP AMP
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com