Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6286 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6286
Description  Low Noise, Low Power Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6286 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6286 Datasheet HTML 1Page - Microchip Technology MCP6286 Datasheet HTML 2Page - Microchip Technology MCP6286 Datasheet HTML 3Page - Microchip Technology MCP6286 Datasheet HTML 4Page - Microchip Technology MCP6286 Datasheet HTML 5Page - Microchip Technology MCP6286 Datasheet HTML 6Page - Microchip Technology MCP6286 Datasheet HTML 7Page - Microchip Technology MCP6286 Datasheet HTML 8Page - Microchip Technology MCP6286 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
© 2009 Microchip Technology Inc.
DS22196A-page 1
MCP6286
Features
• Low Noise: 5.4 nV/
√Hz (typical)
• Low Quiescent Current: 520 µA (typical)
• Rail-to-Rail Output
• Wide Supply Voltage Range: 2.2V to 5.5V
• Gain Bandwidth Product: 3.5 MHz (typical)
• Unity Gain Stable
• Extended Temperature Range: -40°C to +125°C
• No Phase Reversal
• Small Package
Applications
• Noise Cancellation Headphones
• Cellular Phones
• Analog Filters
• Sensor Conditioning
• Portable Instrumentation
• Medical Instrumentation
• Battery Powered Systems
Design Aids
• SPICE Macro Models
• FilterLab® Software
• Mindi™ Circuit Designer & Simulator
• MAPS (Microchip Advanced Part Selector)
• Analog Demonstration and Evaluation Boards
• Application Notes
Typical Application
Description
The Microchip Technology Inc. MCP6286 operational
amplifier (op amp) has low noise (5.4 nV/
√Hz, typical),
low power (520 µA, typical) and rail-to-rail output
operation. It is unity gain stable and has a gain
bandwidth product of 3.5 MHz (typical). This device
operates with a single supply voltage as low as 2.2V,
while drawing low quiescent current. These features
make the product well suited for single-supply, low
noise, battery-powered applications.
The MCP6286 op amp is offered in a space saving
SOT-23-5 package. It is designed with Microchip’s
advanced CMOS process and available in the
extended temperature range, with a power supply
range of 2.2V to 5.5V.
Package Types
C2
VOUT
R1
R2
C1
VIN
47 nF
382 k
Ω 641 kΩ
22 nF
G = +1 V/V
fP = 10 Hz
+
–
MCP6286
Second-Order, Low-Pass Butterworth Filter
5
4
1
2
3
VDD
VIN–
VIN+
VSS
VOUT
MCP6286
SOT-23-5
Low Noise, Low Power Op Amp


Similar Part No. - MCP6286

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6281 MICROCHIP-MCP6281 Datasheet
580Kb / 32P
450 UA, 5 MHz Rail-to-Rail Op Amp
2004
MCP6281 MICROCHIP-MCP6281 Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6281-E/CH MICROCHIP-MCP6281-E/CH Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6281-E/MS MICROCHIP-MCP6281-E/MS Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
MCP6281-E/OT MICROCHIP-MCP6281-E/OT Datasheet
656Kb / 36P
450 關A, 5 MHz Rail-to-Rail Op Amp
2008
More results

Similar Description - MCP6286

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD795 AD-AD795 Datasheet
331Kb / 16P
Low Power, Low Noise Precision FET Op Amp
REV.A
logo
AUK corp
S4558 AUK-S4558 Datasheet
236Kb / 4P
Low Noise Dual OP AMP
S4558P AUK-S4558P Datasheet
240Kb / 3P
Low Noise Dual OP AMP
S45S58 AUK-S45S58 Datasheet
53Kb / 3P
Low Noise Single OP AMP
logo
Analog Devices
AD795 AD-AD795_02 Datasheet
278Kb / 16P
Low Power, Low Noise Precision FET Op Amp
REV. B
logo
Linear Technology
LT1007X LINER-LT1007X Datasheet
54Kb / 1P
Low Noise 200째C Op Amp
logo
Analog Devices
AD795 AD-AD795_09 Datasheet
276Kb / 20P
Low Power, Low Noise Precision FET Op Amp
REV. C
AD795 AD-AD795_15 Datasheet
276Kb / 20P
Low Power, Low Noise Precision FET Op Amp
REV. C
logo
Linear Technology
LT1007X LINER-LT1007X_15 Datasheet
154Kb / 1P
Low Noise 200C Op Amp
logo
KODENSHI_AUK CORP.
S4558 KODENSHI-S4558 Datasheet
185Kb / 4P
Low Noise Dual OP AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com