Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6286 Datasheet(PDF) 12 Page - Microchip Technology

Part # MCP6286
Description  Low Noise, Low Power Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6286 Datasheet(HTML) 12 Page - Microchip Technology

Back Button MCP6286 Datasheet HTML 8Page - Microchip Technology MCP6286 Datasheet HTML 9Page - Microchip Technology MCP6286 Datasheet HTML 10Page - Microchip Technology MCP6286 Datasheet HTML 11Page - Microchip Technology MCP6286 Datasheet HTML 12Page - Microchip Technology MCP6286 Datasheet HTML 13Page - Microchip Technology MCP6286 Datasheet HTML 14Page - Microchip Technology MCP6286 Datasheet HTML 15Page - Microchip Technology MCP6286 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
MCP6286
DS22196A-page 12
© 2009 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.8V to +6.0V, VSS = GND, VCM = VDD/3, VOUT ≈ VDD/2,
VL = VDD/2, RL = 10 kΩ to VL and CL = 60 pF.
FIGURE 2-31:
The MCP6286 Shows No
Phase Reversal.
FIGURE 2-32:
Closed Loop Output
Impedance vs. Frequency.
FIGURE 2-33:
Measured Input Current vs.
Input Voltage (below VSS).
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Time (1 ms/div)
VDD = 5.5V
G = +2 V/V
VOUT
VIN
0.1
1
10
100
1000
10
100
1000
10000 100000 1E+06 1E+07
Frequency (Hz)
GN:
101 V/V
11 V/V
1 V/V
10
100
1k
10k
100k
1M
10M
1
10
100
1000
10000
100000
1000000
10000000
100000000
1000000000
-1.0 -0.9 -0.8 -0.7 -0.6 -0.5 -0.4 -0.3 -0.2 -0.1 0.0
VIN (V)
1m
100
µ
10µ
1µ
100n
10n
1n
100p
10p
1p
1m
100
µ
10µ
1µ
100n
10n
1n
100p
10p
1m
100
µ
10µ
1µ
1p
100n
10n
1n
100p
10p
1m
100
µ
10µ
1µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com