Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6286 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP6286
Description  Low Noise, Low Power Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6286 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP6286 Datasheet HTML 13Page - Microchip Technology MCP6286 Datasheet HTML 14Page - Microchip Technology MCP6286 Datasheet HTML 15Page - Microchip Technology MCP6286 Datasheet HTML 16Page - Microchip Technology MCP6286 Datasheet HTML 17Page - Microchip Technology MCP6286 Datasheet HTML 18Page - Microchip Technology MCP6286 Datasheet HTML 19Page - Microchip Technology MCP6286 Datasheet HTML 20Page - Microchip Technology MCP6286 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
© 2009 Microchip Technology Inc.
DS22196A-page 17
MCP6286
4.6
Application Circuits
4.6.1
ACTIVE LOW-PASS FILTER
The MCP6286 op amp’s low input bias current makes
it possible for the designer to use larger resistors and
smaller
capacitors
for
active
low-pass
filter
applications. However, as the resistance increases, the
noise generated also increases. Parasitic capacitances
and the large value resistors could also modify the
frequency response. These trade-offs need to be
considered when selecting circuit elements.
Figure 4-6
and
Figure 4-7
show
low-pass,
second-order,
Butterworth
filters
with
a
cut-off
frequency of 10 Hz. The filter in Figure 4-6 has a
non-inverting gain of +1 V/V, and the filter in Figure 4-7
has an inverting gain of -1 V/V.
FIGURE 4-6:
Second-Order, Low-Pass
Butterworth Filter with Sallen-Key Topology.
FIGURE 4-7:
Second-Order, Low-Pass
Butterwork Filter with Multiple-Feedback
Topology.
4.6.2
PHOTO DETECTION
The MCP6286 op amps can be used to easily convert
the signal from a sensor that produces an output
current (such as a photo diode) into a voltage (a
transimpedance amplifier). This is implemented with a
single resistor (R2) in the feedback loop of the
amplifiers shown in Figure 4-8 and Figure 4-9. The
optional capacitor (C2) sometimes provides stability for
these circuits.
A photodiode configured in the Photovoltaic mode has
zero voltage potential placed across it (Figure 4-8). In
this mode, the light sensitivity and linearity is
maximized, making it best suited for precision
applications. The key amplifier specifications for this
application are: low input bias current, low noise,
common mode input voltage range (including ground),
and rail-to-rail output.
FIGURE 4-8:
Photovoltaic Mode Detector.
In contrast, a photodiode that is configured in the
Photoconductive mode has a reverse bias voltage
across the photo-sensing element (Figure 4-9). This
decreases the diode capacitance, which facilitates
high-speed
operation
(e.g.,
high-speed
digital
communications). The design trade-off is increased
diode leakage current and linearity errors. The op amp
needs to have a wide Gain Bandwidth Product
(GBWP).
FIGURE 4-9:
Photoconductive Mode
Detector.
C2
VOUT
R1
R2
C1
VIN
47 nF
382 k
Ω 641 kΩ
22 nF
G = +1 V/V
fP = 10 Hz
+
–
MCP6286
C2
VOUT
R1
R3
C1
VIN
R2
VDD/2
G = -1 V/V
fP = 10 Hz
618 k
Ω
618 k
Ω 1.00 MΩ
8.2 nF
47 nF
–
+
MCP6286
D1
Light
VOUT
VDD
R2
C2
ID1
VOUT = ID1*R2
–
+
MCP6286
D1
Light
VOUT
VDD
R2
C2
ID1
VOUT = ID1*R2
VBIAS
VBIAS < 0V
–
+
MCP6286



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com