Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6286 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6286
Description  Low Noise, Low Power Op Amp
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6286 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6286 Datasheet HTML 1Page - Microchip Technology MCP6286 Datasheet HTML 2Page - Microchip Technology MCP6286 Datasheet HTML 3Page - Microchip Technology MCP6286 Datasheet HTML 4Page - Microchip Technology MCP6286 Datasheet HTML 5Page - Microchip Technology MCP6286 Datasheet HTML 6Page - Microchip Technology MCP6286 Datasheet HTML 7Page - Microchip Technology MCP6286 Datasheet HTML 8Page - Microchip Technology MCP6286 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
© 2009 Microchip Technology Inc.
DS22196A-page 3
MCP6286
1.0
ELECTRICAL CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD – VSS ........................................................................7.0V
Current at Input Pins .....................................................±2 mA
Analog Inputs (VIN+, VIN-)†† .......... VSS – 1.0V to VDD + 1.0V
All Other Inputs and Outputs ......... VSS – 0.3V to VDD + 0.3V
Difference Input Voltage ...................................... |VDD – VSS|
Output Short-Circuit Current .................................continuous
Current at Output and Supply Pins ............................±30 mA
Storage Temperature ....................................-65°C to +150°C
Maximum Junction Temperature (TJ).......................... +150°C
ESD protection on all pins (HBM; MM)
................ ≥ 4 kV; 400V
† Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to the
device. This is a stress rating only and functional operation of
the device at those or any other conditions above those
indicated in the operational listings of this specification is not
implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
†† See
4.1.2 “Input Voltage And Current Limits”
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, V
DD = +2.2V to +5.5V, VSS= GND, TA= +25°C, VCM = VDD/3,
VOUT ≈ VDD/2, VL = VDD/2 and RL = 10 kΩ to VL. (Refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-1.5
—
+1.5
mV
Input Offset Drift with Temperature
ΔV
OS/ΔTA
—±1
—
µV/°C TA= -40°C to +125°C
Power Supply Rejection Ratio
PSRR
80
100
—
dB
Input Bias Current and Impedance
Input Bias Current
IB
—±1
—
pA
—50
150
pA
TA = +85°C
—
1500
3000
pA
TA = +125°C
Input Offset Current
IOS
—±1
—
pA
Common Mode Input Impedance
ZCM
—1013||20
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||20
—
Ω||pF
Common Mode
Common Mode Input Voltage
Range
VCMR
VSS−0.3
—
VDD-1.2
V
Note 1
Common Mode Rejection Ratio
CMRR
76
95
—
dB
VCM = -0.3V to 1.0V,
VDD = 2.2V
80
100
—
dB
VCM = -0.3V to 4.3V,
VDD = 5.5V
Open-Loop Gain
DC Open-Loop Gain
(Large Signal)
AOL
100
120
—
dB
0.2V < VOUT <(VDD-0.2V)
Output
Maximum Output Voltage Swing
VOL, VOH
VSS+15
—
VDD–15
mV
0.5V Input overdrive
VSS+75
—
VDD–75
mV
0.5V Input overdrive
RL = 2 kΩ
Output Short-Circuit Current
ISC
—±20
—
mA
Note 1: Figure 2-12 shows how V
CMR changes across temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com