Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2854 Datasheet (PDF) - Pomona Electronics

2854 Datasheet PDF - Pomona Electronics
Part # 2854
Download  2854 Download
File Size   26.21 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Panel Mount Banana Jack

2854 Datasheet (PDF)

Go To PDF Page Download Datasheet
2854 Datasheet PDF - Pomona Electronics

Part # 2854
Download  2854 Click to download

File Size   26.21 Kbytes
Page   1 Pages
Manufacturer  POMONA [Pomona Electronics]
Direct Link  http://www.pomonaelectronics.com
Logo POMONA - Pomona Electronics
Description Panel Mount Banana Jack

2854 Datasheet (HTML) - Pomona Electronics


2854 Product details

FEATURES:
● Banana Jacks mount into panels ranging in thickness from .063 (1.6mm) to .375 (9.5mm).
● Model 4900 features Polypenylene Sulfide for high temperature applications.
● Model 2854 features gold plated body for optimum electrical connection.
● Model 1581 features bright tin plating




Similar Part No. - 2854

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2854 KR-2854 Datasheet
49Kb / 2P
360 MHz bandpass filter
logo
Pomona Electronics
2854 POMONA-2854 Datasheet
161Kb / 1P
Panel Mount Banana Jack
2016
logo
Heyco.
2854 HEYCO-2854 Datasheet
102Kb / 1P
Shorty Bushings
2854 HEYCO-2854 Datasheet
117Kb / 1P
Thin Panel Bushings
logo
Adafruit Industries
2854 ADAFRUIT-2854 Datasheet
91Kb / 2P
NeoPixel Ring - 16 x 5050 RGBW LEDs w/ Integrated Drivers - Warm White - ~3000K
More results


Similar Description - 2854

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5931 POMONA-5931 Datasheet
70Kb / 1P
Panel Mount 4mm Banana Jack For Sheathed Plugs
6387 POMONA-6387 Datasheet
147Kb / 1P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
72916 POMONA-72916 Datasheet
129Kb / 1P
4mm Banana Jack to 2mm Banana Jack Adapter
logo
List of Unclassifed Man...
BU-00233-0 ETC2-BU-00233-0 Datasheet
51Kb / 1P
Insulated Banana Jack
BU-P2854-0 ETC2-BU-P2854-0 Datasheet
193Kb / 1P
Banana Jack (Panel mount)
BU-P5168-0 ETC2-BU-P5168-0 Datasheet
203Kb / 1P
Banana Jack
BU-P72914-0 ETC2-BU-P72914-0 Datasheet
159Kb / 1P
4mm banana jack to 2mm banana jack adapter
logo
Pomona Electronics
6387-ST-T-0 POMONA-6387-ST-T-0 Datasheet
47Kb / 2P
Banana Jack, Panel Mount, 4mm For Sheathed Banana Plugs
logo
Adam Technologies, Inc.
BJ-001-XX ADAM-TECH-BJ-001-XX Datasheet
57Kb / 1P
2.0 BANANA JACK
logo
Pomona Electronics
1581 POMONA-1581_V01 Datasheet
161Kb / 1P
Panel Mount Banana Jack
2016
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com