Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AWU6602RM45P9 Datasheet (PDF) - ANADIGICS, Inc

AWU6602RM45P9 Datasheet PDF - ANADIGICS, Inc
Part # AWU6602RM45P9
Download  AWU6602RM45P9 Download
File Size   565.92 Kbytes
Page   13 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module

AWU6602RM45P9 Datasheet (PDF)

Go To PDF Page Download Datasheet
AWU6602RM45P9 Datasheet PDF - ANADIGICS, Inc

Part # AWU6602RM45P9
Download  AWU6602RM45P9 Click to download

File Size   565.92 Kbytes
Page   13 Pages
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc
Description HELP3TM Band 2 / WCDMA 3.4 V / 29 dBm Linear PA Module

AWU6602RM45P9 Datasheet (HTML) - ANADIGICS, Inc




Similar Part No. - AWU6602RM45P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWU6601 ANADIGICS-AWU6601 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6601RM45P9 ANADIGICS-AWU6601RM45P9 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6601RM45Q7 ANADIGICS-AWU6601RM45Q7 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6604 ANADIGICS-AWU6604 Datasheet
565Kb / 13P
HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6604RM45P9 ANADIGICS-AWU6604RM45P9 Datasheet
565Kb / 13P
HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
More results


Similar Description - AWU6602RM45P9

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
AWT6278 ANADIGICS-AWT6278 Datasheet
417Kb / 8P
HELP3TM PCS/WCDMA 3.4 V/29.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6279 ANADIGICS-AWT6279 Datasheet
415Kb / 8P
HELP3TM IMT/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6281 ANADIGICS-AWT6281 Datasheet
439Kb / 8P
HELP3TM 900 MHz/WCDMA 3.4 V/29 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6282 ANADIGICS-AWT6282 Datasheet
421Kb / 8P
HELP3TM 1700/WCDMA 3.4 V/28.5 dBm HSPA Linear Power Amplifier Module
11/2008
AWT6272 ANADIGICS-AWT6272 Datasheet
441Kb / 8P
HELPTM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
Rev 2.1
AWT6273 ANADIGICS-AWT6273 Datasheet
420Kb / 8P
HELP3TM Cellular/WCDMA 3.4 V/29 dBm Linear Power Amplifier Module
AWU6601 ANADIGICS-AWU6601 Datasheet
622Kb / 14P
HELP3TM Band 1 / WCDMA / TD-SCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6604 ANADIGICS-AWU6604 Datasheet
565Kb / 13P
HELP3TM Band 4 & 9 WCDMA 3.4 V / 28.25 dBm Linear PA Module
Rev 2.0
AWU6605 ANADIGICS-AWU6605 Datasheet
568Kb / 13P
HELP3TM Band 5 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
AWU6608 ANADIGICS-AWU6608 Datasheet
567Kb / 13P
HELP3TM Band 8 / WCDMA 3.4 V / 28.5 dBm Linear PA Module
Rev 1.1
More results




About ANADIGICS, Inc


ANADIGICS, Inc. was a semiconductor company that designed and manufactured high-performance radio frequency (RF) and microwave integrated circuits (ICs) for the broadband wireless, CATV, and fiber optic markets. The company was founded in 1985 and was headquartered in Warren, New Jersey, USA.

ANADIGICS specialized in the design and manufacture of RF power amplifiers, RF tuner ICs, and RF switch ICs for cellular, WiFi, WiMAX, and other wireless communications applications. The company also produced GaAs-based ICs for optical networking applications.

In 2016, ANADIGICS was acquired by GaAs Labs, LLC, a subsidiary of II-VI Incorporated, a global leader in engineered materials and optoelectronic components. Since then, ANADIGICS' products and technologies have been integrated into II-VI's portfolio of optical and electronic components for communication networks, industrial lasers, and other applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com