Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR10100CT Datasheet (PDF) - Mospec Semiconductor

MBR10100CT Datasheet PDF - Mospec Semiconductor
Part # MBR10100CT
Download  MBR10100CT Download
File Size   199.51 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description Schottky Barrier Rectifiers

MBR10100CT Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR10100CT Datasheet PDF - Mospec Semiconductor

Part # MBR10100CT
Download  MBR10100CT Click to download

File Size   199.51 Kbytes
Page   2 Pages
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Description Schottky Barrier Rectifiers

MBR10100CT Datasheet (HTML) - Mospec Semiconductor


MBR10100CT Product details

Schottky Barrier Rectifiers

Using the Schottky Barrier principle with a Refractory metal capable of high temperature operation metal. The proprietary barrier technology allows for reliable operation up to 175℃ junction temperature. Typical application are in switching Mode Power Supplies such as adaptors, DC/DC converters, free wheeling and polarity protection diodes.

* Low Forward Voltage.
* Low Forward Voltage.
* Low Switching noise.
* High Current Capacity
* Guarantee Reverse Avalanche.
* Guard-Ring for Stress Protection.
* Low Power Loss & High efficiency.
* 175℃ Operating Junction Temperature
* Low Stored Charge Majority Carrier Conduction.
* Plastic Material used Carries Underwriters Laboratory Flammability Classification 94V-O
* ESD: 4KV(Min.) Human-Body Model
* In compliance with EU RoHs 2002/95/EC directives




Similar Part No. - MBR10100CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR10100CT DIODES-MBR10100CT Datasheet
64Kb / 2P
10A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30028 Rev. A-2
logo
Micro Commercial Compon...
MBR10100CT MCC-MBR10100CT Datasheet
881Kb / 2P
10 Am p Schott ky Barrier Rectifier 80-100 Volts
logo
Vaishali Semiconductor
MBR10100CT VAISH-MBR10100CT Datasheet
83Kb / 3P
MBR10H100CT, MBRF10H100CT & MBRB10H100CT Series
logo
Vishay Siliconix
MBR10100CT VISHAY-MBR10100CT Datasheet
78Kb / 3P
Dual High-Voltage Schottky Rectifiers
24-Apr-03
logo
List of Unclassifed Man...
MBR10100CT ETC-MBR10100CT Datasheet
222Kb / 1P
10 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200Volts
More results


Similar Description - MBR10100CT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com