Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H20NC1 Datasheet (PDF) - MMD Components

H20NC1 Datasheet PDF - MMD Components
Part # H20NC1
Download  H20NC1 Download
File Size   87.49 Kbytes
Page   1 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description 6.0mm x 3.5 mm x1.2mm Ceramic Package

H20NC1 Datasheet (PDF)

Go To PDF Page Download Datasheet
H20NC1 Datasheet PDF - MMD Components

Part # H20NC1
Download  H20NC1 Click to download

File Size   87.49 Kbytes
Page   1 Pages
Manufacturer  MMD [MMD Components]
Direct Link  http://www.mmdcomp.com
Logo MMD - MMD Components
Description 6.0mm x 3.5 mm x1.2mm Ceramic Package

H20NC1 Datasheet (HTML) - MMD Components




Similar Part No. - H20NC1

ManufacturerPart #DatasheetDescription
logo
Guangdong Huixin Electr...
H20N10HF HUIXIN-H20N10HF Datasheet
908Kb / 6P
100V Single N-Channel MOSFET
H20N20HT HUIXIN-H20N20HT Datasheet
615Kb / 6P
200V N-Channel MOSFET
H20N50F HUIXIN-H20N50F Datasheet
610Kb / 7P
500V N-Channel MOSFET
H20N50P HUIXIN-H20N50P Datasheet
601Kb / 7P
500V N-Channel MOSFET
H20N50W HUIXIN-H20N50W Datasheet
617Kb / 7P
500V N-Channel MOSFET
More results


Similar Description - H20NC1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
406 CTS-406 Datasheet
149Kb / 4P
3.5 x 6.0 mm Ceramic - SM Crystal
logo
STANLEY ELECTRIC CO.,LT...
KW1305A STANLEY-KW1305A Datasheet
295Kb / 13P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
SW1305A STANLEY-SW1305A Datasheet
311Kb / 14P
3.5 x 3.5 mm (h=1.6 mm) Type White LED
logo
MMD Components
ISAA1 MMD-ISAA1 Datasheet
83Kb / 1P
6.0mm x 3.5 mm 2 Pads Ceramic Package
logo
ILSI America LLC
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
logo
EUROQUARTZ limited
MFCRYSTALS EUROQUARTZ-MFCRYSTALS Datasheet
110Kb / 1P
Miniature size: 6.0mm x 3.5mm height
logo
ILSI America LLC
ILCX08 ILSI-ILCX08 Datasheet
53Kb / 2P
4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
logo
Panasonic Semiconductor
EVQ-PJX05M PANASONIC-EVQ-PJX05M Datasheet
270Kb / 5P
6.0mm x 3.5 mm Square Light Touch Switches
logo
Fox Electronics
C6AS FOX-C6AS Datasheet
192Kb / 3P
6.0mm x 3.5mm Ceramic SMD Crystal
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com