Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MBR0540T1 Datasheet (PDF) - Motorola, Inc

MBR0540T1 Datasheet PDF - Motorola, Inc
Part # MBR0540T1
Download  MBR0540T1 Download
File Size   133.72 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 40 VOLTS

MBR0540T1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR0540T1 Datasheet PDF - Motorola, Inc

Part # MBR0540T1
Download  MBR0540T1 Click to download

File Size   133.72 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 40 VOLTS

MBR0540T1 Datasheet (HTML) - Motorola, Inc


MBR0540T1 Product details

SOD–123 Power Surface Mount Package

The Schottky Power Rectifier employs the Schottky Barrier principle with a barrier metal that produces optimal forward voltage drop–reverse current tradeoff. Ideally suited for low voltage, high frequency rectification, or as a free wheeling and polarity
protection diodes in surface mount applications where compact size and weight are critical to the system. This package provides an alternative to the leadless 34 MELF style package. These state–of–the–art devices have the following features:
• Guardring for Stress Protection
• Very Low Forward Voltage
• Epoxy Meets UL94, VO at 1/8″
• Package Designed for Optimal Automated Board Assembly

Mechanical Characteristics:
• Reel Options: 3,000 per 7 inch reel / 8 mm tape
• Reel Options: 10,000 per 13 inch reel / 8 mm tape
• Device Marking: B4
• Polarity Designator: Cathode Band
• Weight: 11.7 mg (approximately)
• Case: Epoxy Molded
• Finish: All External Surfaces Corrosion Resistant and Terminal Leads are Readily Solderable
• Lead and Mounting Surface Temperature for Soldering Purposes: 260°C max. for 10 Seconds




Similar Part No. - MBR0540T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBR0540T1 ONSEMI-MBR0540T1 Datasheet
97Kb / 6P
Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
March, 2005 ??Rev. 5
MBR0540T1 ONSEMI-MBR0540T1 Datasheet
69Kb / 6P
Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
November, 2005 ??Rev. 6
logo
SUNMATE electronic Co.,...
MBR0540T1 SUNMATE-MBR0540T1 Datasheet
216Kb / 3P
0.5A Surface Mount Schottky Power Rectifier
logo
Analog Devices
MBR0540T1/D AD-MBR0540T1/D Datasheet
739Kb / 20P
Isolated Switching Regulator
REV. 0
logo
ON Semiconductor
MBR0540T1G ONSEMI-MBR0540T1G Datasheet
97Kb / 6P
Surface Mount Schottky Power Rectifier SOD??23 Power Surface Mount Package
March, 2005 ??Rev. 5
More results


Similar Description - MBR0540T1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR0520LT1 MOTOROLA-MBR0520LT1 Datasheet
87Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 20 VOLTS
MBR0530T1 MOTOROLA-MBR0530T1 Datasheet
85Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 30 VOLTS
logo
Microsemi Corporation
UPS140 MICROSEMI-UPS140 Datasheet
46Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 40 VOLTS
UPS840 MICROSEMI-UPS840 Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIER 8 AMPERES 40 VOLTS
logo
ON Semiconductor
MBRS540T3 ONSEMI-MBRS540T3 Datasheet
52Kb / 6P
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS
September, 2004 ??Rev. 3
MBR340 ONSEMI-MBR340 Datasheet
58Kb / 4P
SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
January, 2002 ??Rev. 3
logo
Rectron Semiconductor
SR1240-C-S-R01 RECTRON-SR1240-C-S-R01 Datasheet
201Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 40 Volts CURRENT 12 Amperes
logo
Micro Commercial Compon...
RB400D MCC-RB400D_06 Datasheet
864Kb / 3P
0.5 Amp Schottky Barrier Rectifier 40 Volts
RB400DS MCC-RB400DS Datasheet
167Kb / 2P
0.5 Amp Schottky Barrier Rectifier 40 Volts
RB400DS MCC-RB400DS_13 Datasheet
164Kb / 2P
0.5 Amp Schottky Barrier Rectifier 40 Volts
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com