Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPS840 Datasheet (PDF) - Microsemi Corporation

UPS840 Datasheet PDF - Microsemi Corporation
Part # UPS840
Download  UPS840 Download
File Size   55.36 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SCHOTTKY BARRIER RECTIFIER 8 AMPERES 40 VOLTS

UPS840 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPS840 Datasheet PDF - Microsemi Corporation

Part # UPS840
Download  UPS840 Click to download

File Size   55.36 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SCHOTTKY BARRIER RECTIFIER 8 AMPERES 40 VOLTS

UPS840 Datasheet (HTML) - Microsemi Corporation


UPS840 Product details

SURFACE MOUNT
8A SCHOTTKY RECTIFIER
POWERMITE® 3 Power Surface Mount Package

Features:
• Low Profile -- Maximum Height of 1.1 mm
• Footprint Area of 16.51 mm2
• Low VF Provides Higher Efficiency
• Supplied in 16 mm Tape and Reel -- 6,000 Units per Reel
• Low Thermal Resistance with Direct Thermal Path of Die on Exposed
   Cathode Heat Sink




Similar Part No. - UPS840

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS840E3 MICROSEMI-UPS840E3 Datasheet
119Kb / 3P
POWERMITE 3??SURFACE MOUNT 8 AMP 40 V SCHOTTKY RECTIFIER
More results


Similar Description - UPS840

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR0540T1 MOTOROLA-MBR0540T1 Datasheet
133Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 40 VOLTS
logo
Microsemi Corporation
UPS140 MICROSEMI-UPS140 Datasheet
46Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 40 VOLTS
logo
ON Semiconductor
MBRS540T3 ONSEMI-MBRS540T3 Datasheet
52Kb / 6P
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS
September, 2004 ??Rev. 3
MBR340 ONSEMI-MBR340 Datasheet
58Kb / 4P
SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
January, 2002 ??Rev. 3
logo
Rectron Semiconductor
SR1240-C-S-R01 RECTRON-SR1240-C-S-R01 Datasheet
201Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 40 Volts CURRENT 12 Amperes
SR8100A RECTRON-SR8100A Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 8 Amperes
SR8100C RECTRON-SR8100C Datasheet
30Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 8 Amperes
SPK2440 RECTRON-SPK2440 Datasheet
101Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 40 Volts CURRENT 24 Amperes
SPK2540 RECTRON-SPK2540 Datasheet
110Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 40 Volts CURRENT 25 Amperes
SR40100C RECTRON-SR40100C Datasheet
371Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 100 Volts CURRENT 40 Amperes
2022-04/50 REV:C
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com