Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPS840 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # UPS840
Description  SCHOTTKY BARRIER RECTIFIER 8 AMPERES 40 VOLTS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

UPS840 Datasheet(HTML) 1 Page - Microsemi Corporation

  UPS840 Datasheet HTML 1Page - Microsemi Corporation UPS840 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MSCO993.PDF 11-10-99
UPS840
PRELIMINARY
SURFACE MOUNT
8A SCHOTTKY RECTIFIER
POWERMITE
 3 Power Surface Mount Package
Features:
Features:
Features:
Features:
•
Low Profile -- Maximum Height of 1.1 mm
•
Footprint Area of 16.51 mm
2
•
Low VF Provides Higher Efficiency
•
Supplied in 16 mm Tape and Reel -- 6,000 Units per Reel
•
Low Thermal Resistance with Direct Thermal Path of Die on Exposed
Cathode Heat Sink
Mechanical Characteristics:
Mechanical Characteristics:
Mechanical Characteristics:
Mechanical Characteristics:
•
Case: Molded Epoxy
•
Epoxy Meets UL94, VO at 1/8"
•
Weight: 72 mg (approximately)
•
Device Marking: S840
•
Lead and Mounting Surface Temperature for Soldering Purposes,
•
260
°°°°C Maximum for 10 Seconds
Maximum Ratings
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
40
V
Average Rectified Forward Current (At Rated VR, TC = 100°
°°°C)
IO
8
A
Non-Repetitive Peak Surge Current
(Non-Repetitive peak surge current with 8A IO)
IFSM
150
A
Storage Temperature
Tstg, TC
-55 to 150
°°°°C
Operating Temperature
TJ
-55 to 125
°°°°C
Voltage Rate of Change (Rated VR, TJ = 25°
°°°C)
dv/dt
1000
V/
µµµµs
Thermal Characteristics
Thermal Resistance - Junction-to-Case
Thermal Resistance - Junction-to-Ambient
Rtjtab
Rtja
2.5
130
°°°°C/W
Electrical Characteristics
Maximum Instantaneous Forward Voltage (1)
VF
TJ = 25°
°°°C
V
(IF = 3 A)
(IF = 8 A)
(IF = 10 A)
0.37
0.45
0.49
Maximum Instantaneous Reverse Current
IR
TJ = 25°
°°°C
mA
(VR = 40 V)
5
(1) Pulse Test: Pulse Width
≤≤≤≤ 400 µµµµs, Duty Cycle ≤≤≤≤ 2%.
580 Pleasant St.
Watertown, MA 02472
PH: (617) 926-0404
FAX: (617) 924-1235
SCHOTTKY BARRIER
RECTIFIER
8 AMPERES
40 VOLTS
K
A
A


Similar Part No. - UPS840

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS840E3 MICROSEMI-UPS840E3 Datasheet
119Kb / 3P
POWERMITE 3??SURFACE MOUNT 8 AMP 40 V SCHOTTKY RECTIFIER
More results

Similar Description - UPS840

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR0540T1 MOTOROLA-MBR0540T1 Datasheet
133Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 40 VOLTS
logo
Microsemi Corporation
UPS140 MICROSEMI-UPS140 Datasheet
46Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 40 VOLTS
logo
ON Semiconductor
MBRS540T3 ONSEMI-MBRS540T3 Datasheet
52Kb / 6P
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS
September, 2004 ??Rev. 3
MBR340 ONSEMI-MBR340 Datasheet
58Kb / 4P
SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
January, 2002 ??Rev. 3
logo
Rectron Semiconductor
SR1240-C-S-R01 RECTRON-SR1240-C-S-R01 Datasheet
201Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 40 Volts CURRENT 12 Amperes
SR8100A RECTRON-SR8100A Datasheet
29Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 8 Amperes
SR8100C RECTRON-SR8100C Datasheet
30Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 100 Volts CURRENT 8 Amperes
SPK2440 RECTRON-SPK2440 Datasheet
101Kb / 3P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 40 Volts CURRENT 24 Amperes
SPK2540 RECTRON-SPK2540 Datasheet
110Kb / 4P
SCHOTTKY BARRIER SOLAR RECTIFIER VOLTAGE 40 Volts CURRENT 25 Amperes
SR40100C RECTRON-SR40100C Datasheet
371Kb / 5P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 100 Volts CURRENT 40 Amperes
2022-04/50 REV:C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com