Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPS140 Datasheet (PDF) - Microsemi Corporation

UPS140 Datasheet PDF - Microsemi Corporation
Part # UPS140
Download  UPS140 Download
File Size   46.53 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 40 VOLTS

UPS140 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPS140 Datasheet PDF - Microsemi Corporation

Part # UPS140
Download  UPS140 Click to download

File Size   46.53 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 40 VOLTS

UPS140 Datasheet (HTML) - Microsemi Corporation


UPS140 Product details

Description:
The UPS140 Powermite Schottky rectifier is designed to offer optimized forward voltage characteristics for battery powered portable products such as cellular and cordless phones, chargers, notebook computers, printers, PDAs and PCMCIA cards. Typical applications include ac/dc and dc-dc converters, reverse battery protection and "Oring" of multiple supply voltages.
The Powermites patented heat sink design offers the same thermal performance rating as an SMA while being 50% smaller in footprint area and less than 1 mm in overall height. The result is a unique, highly efficient Schottky rectifier in a space saving surface mount package.

Features:
• Low Profile -- Maximum Height of 1.1 mm
• Small Footprint -- Footprint Area of 8.45 mm2
• Low VF Provides Higher Efficiency and Extends Battery Life
• Supplied in 12 mm Tape and Reel -- 12,000 Units per Reel
• Low Thermal Resistance with Direct Thermal Path of Die on Exposed Cathode Heat Sink




Similar Part No. - UPS140

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
UPS140 MCC-UPS140 Datasheet
98Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
UPS140E MCC-UPS140E Datasheet
98Kb / 3P
1 Amp Schottky Rectifier 20 to 40 Volts
logo
Microsemi Corporation
UPS140E3 MICROSEMI-UPS140E3 Datasheet
423Kb / 4P
Schottky Barrier Rectifier
More results


Similar Description - UPS140

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR0540T1 MOTOROLA-MBR0540T1 Datasheet
133Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMPERES 40 VOLTS
logo
Central Semiconductor C...
CMSH1-20ML CENTRAL-CMSH1-20ML Datasheet
107Kb / 2P
SCHOTTKY BARRIER RECTIFIER 1.0 AMP, 20 & 40 VOLTS
logo
Microsemi Corporation
UPS840 MICROSEMI-UPS840 Datasheet
55Kb / 2P
SCHOTTKY BARRIER RECTIFIER 8 AMPERES 40 VOLTS
logo
ON Semiconductor
MBR130T1 ONSEMI-MBR130T1 Datasheet
40Kb / 4P
SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 30 VOLTS
February, 2001 ??Rev. 1
MBRS540T3 ONSEMI-MBRS540T3 Datasheet
52Kb / 6P
SCHOTTKY BARRIER RECTIFIER 5.0 AMPERES 40 VOLTS
September, 2004 ??Rev. 3
MBR340 ONSEMI-MBR340 Datasheet
58Kb / 4P
SCHOTTKY BARRIER RECTIFIER 3.0 AMPERES 40 VOLTS
January, 2002 ??Rev. 3
logo
Shanghai Lunsure Electr...
1N17 CHENYI-1N17 Datasheet
227Kb / 2P
1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Rectron Semiconductor
SR1240-C-S-R01 RECTRON-SR1240-C-S-R01 Datasheet
201Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE 40 Volts CURRENT 12 Amperes
logo
Micro Commercial Compon...
1N17 MCC-1N17_11 Datasheet
679Kb / 3P
1.0 Amp Schottky Barrier Rectifier 20 to 40 Volts
logo
Motorola, Inc
MBRM120LT3 MOTOROLA-MBRM120LT3 Datasheet
136Kb / 4P
SCHOTTKY BARRIER RECTIFIER 1.0 AMPERES 20 VOLTS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com