Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7675 Datasheet (PDF) - OmniVision Technologies, Inc.

OV7675 Datasheet PDF - OmniVision Technologies, Inc.
Part # OV7675
Download  OV7675 Download
File Size   988.23 Kbytes
Page   2 Pages
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.
Description Higher Performance, Feature Rich VGA Sensor to Support Fast Growing EmergingMarkets

OV7675 Datasheet (PDF)

Go To PDF Page Download Datasheet
OV7675 Datasheet PDF - OmniVision Technologies, Inc.

Part # OV7675
Download  OV7675 Click to download

File Size   988.23 Kbytes
Page   2 Pages
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.
Description Higher Performance, Feature Rich VGA Sensor to Support Fast Growing EmergingMarkets

OV7675 Datasheet (HTML) - OmniVision Technologies, Inc.


OV7675 Product details

The OV7675 is a high performance VGA sensor designed specifically to address growing demand for consumer electronics from emerging markets. Its small optical format enables ultra-thin camera modules, which, combined with its excellent low-light performance, make it a very attractive solution for entry-level and mainstream mobile phones, notebooks, netbooks and webcams.

Product Features
■ support for image sizes: VGA (640 x 480), QVGA (320 x 240) and QQVGA (160 x 120)
■ support for output formats: YUV4:2:2, Raw RGB, ITU656, RGB565
■ digital video port (DVP) parallel output interface
■ on-chip phase lock loop (PLL)
■ built-in 1.5V regulator for core
■ capable of maintaining register values at power down
■ programmable controls for frame rate, mirror and flip, AEC/AGC, and windowing
■ support for horizontal and vertical sub-sampling
■ automatic image control functions:
    - automatic exposure control (AEC)
    - automatic white balance (AWB)
    - automatic black level calibration (ABLC)
■ image quality controls: defect pixel correction and lens shading correction
■ support for black sun cancellation
■ standard serial SCCB interface
■ parallel I/O tri-state configurability and programmable polarity
■ module size: 6 mm x 6 mm

Applications
■ Mobile Phones
■ Notebooks/Netbooks and Webcams




Similar Part No. - OV7675

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7670 OMNIVISION-OV7670 Datasheet
207Kb / 2P
1/6 inch VGA CameraChip for ultra-thin camera modules
OV7676 OMNIVISION-OV7676 Datasheet
4Mb / 2P
on-chip phase lock loop (PLL)
More results


Similar Description - OV7675

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8E000 ZILOG-Z8E000 Datasheet
547Kb / 45P
FEATURE-RICH Z8 PLUS ONE-TIME-PROGRAMMABLE MICROCONTRONLLER
logo
Infineon Technologies A...
PMB6821 INFINEON-PMB6821 Datasheet
250Kb / 2P
SM-Power3 - Highly Integrated Power Management Units for Feature Rich Mobile Devices
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M_11 Datasheet
768Kb / 6P
High-Accuracy RTC Modules, Feature-Rich RTCs
logo
Microchip Technology
MCP1726-ADJE MICROCHIP-MCP1726-ADJE Datasheet
100Kb / 2P
Feature-Rich, Low Dropout Regulator for High-Performance Microprocessor Applications
3/1/05
logo
NXP Semiconductors
BT168GWF PHILIPS-BT168GWF Datasheet
218Kb / 13P
Fast commutation performance for higher frequency operation
11 July 2014
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
Feature Rich Smartcard Interface IC
logo
List of Unclassifed Man...
AR9344 ETC2-AR9344 Datasheet
4Mb / 466P
Highly-Integrated and Feature-Rich IEEE Premium SoC for Advanced WLAN Platforms
logo
Murata Manufacturing Co...
935153634522-XXT MURATA1-935153634522-XXT Datasheet
177Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/17/2022
935153837522-XXT MURATA1-935153837522-XXT Datasheet
177Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/17/2022
logo
ams AG
GWCSSRM1.BM AMSCO-GWCSSRM1.BM Datasheet
1Mb / 24P
Higher performance.
Version 1.6 2020-03-25
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com