Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7675 Datasheet(PDF) 2 Page - OmniVision Technologies, Inc.

Part # OV7675
Description  Higher Performance, Feature Rich VGA Sensor to Support Fast Growing EmergingMarkets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7675 Datasheet(HTML) 2 Page - OmniVision Technologies, Inc.

  OV7675 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV7675 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
¬
¬
Mobile Phones
Notebooks/Netbooks and Webcams
Applications
¬
¬
¬
¬
¬
¬
¬
¬
¬
support for image sizes:
VGA (640 x 480), QVGA (320 x 240)
and QQVGA (160 x 120)
support for output formats:
YUV4:2:2, Raw RGB, ITU656, RGB565
digital video port (DVP) parallel output
interface
on-chip phase lock loop (PLL)
built-in 1.5V regulator for core
capable of maintaining register values
at power down
programmable controls for
frame rate, mirror and flip, AEC/AGC,
and windowing
support for horizontal and vertical
sub-sampling
automatic image control functions:
- automatic exposure control (AEC)
- automatic white balance (AWB)
- automatic black level calibration (ABLC)
image quality controls: defect pixel
correction and lens shading correction
support for black sun cancellation
standard serial SCCB interface
parallel I/O tri-state configurability
and programmable polarity
module size: 6 mm x 6 mm
¬
¬
¬
¬
¬
Product Features
¬
¬
OV07675-A23A
(color, lead-free, 23-pin CSP3)
OV07175-A23A
(B&W, lead-free, 23-pin CSP3)
¬
OV07675-G04A
(color, chip probing, 200 µm
backgrinding, reconstructed wafer)
Ordering Information
¬
¬
¬
¬
¬
¬
¬
¬
¬
active array size: 640 x 480
power supply:
- analog: 2.6 ~ 3.0 V
- core: 1.5 V ±5% (internal regulator)
- I/O: 1.71 ~ 3.0 V
power requirements:
- active: 98 mW
- standby: 60 µW
temperature range:
- operating: -30°C to 70°C
- stable image: 0°C to 50°C
output formats: YUV422, RAW RGB,
ITU656, RGB565
lens size: 1/9"
lens chief ray angle: 21°
input clock frequency: 1.5 ~ 27 MHz
scan mode: progressive
¬
¬
¬
¬
¬
¬
¬
¬
¬
maximum image transfer rate:
- VGA: 30 fps
- QVGA: 60 fps
- QQVGA: 240 fps
sensitivity: 1800 mV/(lux-sec)
shutter: rolling shutter
S/N ratio: 38 dB
dynamic range: 71 dB
maximum exposure interval:
510 x tROW
pixel size: 2.5 µm x 2.5 µm
image area: 1640 µm x 1220 µm
package dimensions:
- CSP3: 2815 µm x 2825 µm
- COB: 2830 µm x 2840 µm
Product Specifications
Version 1.0, October, 2009
OmniVision reserves the right to make changes to their products or to discontinue any product or
service without further notice. OmniVision and OmniPixel are registered trademarks of OmniVision
Technologies, Inc. The OmniVision logo and OmniPixel3-HS are trademarks of OmniVision
Technologies, Inc. All other trademarks are the property of their respective owners.
4275 Burton Drive
Santa Clara, CA 95054
USA
Tel: + 1 408 567 3000
Fax: + 1 408 567 3001
www.ovt.com
TM
TM
OV7675
Functional Block Diagram
OV7675/OV7175
image sensor core
image
sensor
processor
image
output
interface
PLL
control register bank
SCCB slave interface
timing generator and system control logic
gain control
AMP
10-bit
ADC
D[7:0]
column
sample/hold
image
array



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com