Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OV7675 Datasheet(PDF) 1 Page - OmniVision Technologies, Inc.

Part # OV7675
Description  Higher Performance, Feature Rich VGA Sensor to Support Fast Growing EmergingMarkets
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMNIVISION [OmniVision Technologies, Inc.]
Direct Link  http://www.ovt.com
Logo OMNIVISION - OmniVision Technologies, Inc.

OV7675 Datasheet(HTML) 1 Page - OmniVision Technologies, Inc.

  OV7675 Datasheet HTML 1Page - OmniVision Technologies, Inc. OV7675 Datasheet HTML 2Page - OmniVision Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Higher Performance, Feature Rich VGA Sensor
to Support Fast Growing Emerging Markets
OV7675 VGAproductbrief
lead free
available in
a lead-free
package
The OV7675 is a high performance VGA sensor designed
specifically to address growing demand for consumer
electronics from emerging markets. Its small optical format
enables ultra-thin camera modules, which, combined with
its excellent low-light performance, make it a very
attractive solution for entry-level and mainstream mobile
phones, notebooks, netbooks and webcams.
The OV7675 is a low-voltage color CMOS image sensor
that supports the full functionality of a single chip VGA
(640 x 480) camera in a small footprint package. The
1/9-inch OV7675 uses a unique 2.5-micron
OmniPixel3-HS™ pixel design, which allows it to offer
best-in-class low-light sensitivity (1800 mV/lux-sec),
significantly reduced noise and outstanding color
reproduction.
The OV7675 provides full-frame, sub-sampled, windowed
images in VGA, QVGA and QQVGA formats via the control
of the serial camera control bus (SCCB) interface. Its image
array is capable of operating at up to 30 frames per second
(fps) in full VGA resolution with complete user control over
image quality, formatting and output data transfer.
All required image processing functions, including exposure
control, gamma, white balance, color saturation, hue
control, defective pixel canceling, noise canceling are
programmable through the SCCB interface. In addition,
OmniVision image sensors use proprietary sensor
technology to improve image quality by reducing or
eliminating common lighting/electrical sources of image
contamination, such as fixed pattern noise and smearing to
produce a clean, fully stable color image.
Find out more at www.ovt.com.
TM
TM


Similar Part No. - OV7675

ManufacturerPart #DatasheetDescription
logo
OmniVision Technologies...
OV7670 OMNIVISION-OV7670 Datasheet
207Kb / 2P
1/6 inch VGA CameraChip for ultra-thin camera modules
OV7676 OMNIVISION-OV7676 Datasheet
4Mb / 2P
on-chip phase lock loop (PLL)
More results

Similar Description - OV7675

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8E000 ZILOG-Z8E000 Datasheet
547Kb / 45P
FEATURE-RICH Z8 PLUS ONE-TIME-PROGRAMMABLE MICROCONTRONLLER
logo
Infineon Technologies A...
PMB6821 INFINEON-PMB6821 Datasheet
250Kb / 2P
SM-Power3 - Highly Integrated Power Management Units for Feature Rich Mobile Devices
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M_11 Datasheet
768Kb / 6P
High-Accuracy RTC Modules, Feature-Rich RTCs
logo
Microchip Technology
MCP1726-ADJE MICROCHIP-MCP1726-ADJE Datasheet
100Kb / 2P
Feature-Rich, Low Dropout Regulator for High-Performance Microprocessor Applications
3/1/05
logo
NXP Semiconductors
BT168GWF PHILIPS-BT168GWF Datasheet
218Kb / 13P
Fast commutation performance for higher frequency operation
11 July 2014
logo
Texas Instruments
TCA5013 TI1-TCA5013 Datasheet
1Mb / 68P
Feature Rich Smartcard Interface IC
logo
List of Unclassifed Man...
AR9344 ETC2-AR9344 Datasheet
4Mb / 466P
Highly-Integrated and Feature-Rich IEEE Premium SoC for Advanced WLAN Platforms
logo
Murata Manufacturing Co...
935153634522-XXT MURATA1-935153634522-XXT Datasheet
177Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/17/2022
935153837522-XXT MURATA1-935153837522-XXT Datasheet
177Kb / 2P
Ultra large band performance higher than 26GHz
Last updated06/17/2022
logo
ams AG
GWCSSRM1.BM AMSCO-GWCSSRM1.BM Datasheet
1Mb / 24P
Higher performance.
Version 1.6 2020-03-25
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com