Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5930KAI Datasheet (PDF) - Anpec Electronics Coropration

APL5930KAI Datasheet PDF - Anpec Electronics Coropration
Part # APL5930KAI
Download  APL5930KAI Download
File Size   304.46 Kbytes
Page   17 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A, Ultra Low Dropout (0.23V Typical) Linear Regulator

APL5930KAI Datasheet (PDF)

Go To PDF Page Download Datasheet
APL5930KAI Datasheet PDF - Anpec Electronics Coropration

Part # APL5930KAI
Download  APL5930KAI Click to download

File Size   304.46 Kbytes
Page   17 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 3A, Ultra Low Dropout (0.23V Typical) Linear Regulator

APL5930KAI Datasheet (HTML) - Anpec Electronics Coropration


APL5930KAI Product details

General Description

The APL5930 is a 3A ultra low dropout linear regulator. The IC needs two supply voltages, one is a control voltage (VCNTL) for the control circuitry, the other is a main supply voltage (VIN) for power conversion, to reduce power dissipation and provide extremely low dropout voltage.



Features

· Compatible with APL5913

· Ultra Low Dropout

- 0.23V(typical) at 3A Output Current

· Low ESR Output Capacitor (Multi-layer

   Chip Capacitors (MLCC)) Applicable

· 0.8V Reference Voltage

· High Output Accuracy

  - ±1.5% over Line, Load, and Temperature Range

· Fast Transient Response

· Adjustable Output Voltage

· Power-On-Reset Monitoring on Both VCNTL and VIN Pins

· Internal Soft-Start

· Current-Limit and Short Current-Limit Protections

· Thermal Shutdown with Hysteresis

· Open-Drain VOUT Voltage Indicator (POK)

· Low Shutdown Quiescent Current (<30 mA)

· Shutdown/Enable Control Function

· Simple SOP-8P Package with Exposed Pad

· Lead Free and Green Devices Available (RoHS Compliant)




Similar Part No. - APL5930KAI

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5930KAI-TRG ANPEC-APL5930KAI-TRG Datasheet
353Kb / 20P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
More results


Similar Description - APL5930KAI

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8953 A-POWER-APE8953 Datasheet
472Kb / 8P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8981 A-POWER-APE8981_14 Datasheet
104Kb / 9P
3A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Analog Intergrations Co...
AIC1185 AIC-AIC1185 Datasheet
241Kb / 13P
3A Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5934 ANPEC-APL5934 Datasheet
622Kb / 24P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5930 ANPEC-APL5930_13 Datasheet
353Kb / 20P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5932A ANPEC-APL5932A Datasheet
489Kb / 21P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
APL5933A ANPEC-APL5933A Datasheet
445Kb / 23P
3A, Ultra Low Dropout (0.19V Typical) Linear Regulator
APL5934 ANPEC-APL5934_18 Datasheet
527Kb / 24P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
logo
uPI Group Inc.
UP8801S UPI-UP8801S Datasheet
198Kb / 15P
3A Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5932 ANPEC-APL5932 Datasheet
489Kb / 21P
3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com