Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5930KAI Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL5930KAI
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5930KAI Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL5930KAI Datasheet HTML 3Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 4Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 5Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 6Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 7Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 8Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 9Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 10Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2009
APL5930
www.anpec.com.tw
7
Operating Waveforms
Refer to the typical application circuit. The test condition is V
IN=1.8V, VCNTL=5V, VOUT=1.2V, TA= 25
oC
unless otherwise specified.
Power On
V
CNTL
V
IN
V
OUT
V
POK
1
4
2
3
CH1: V
CNTL, 5V/Div, DC
CH2: V
IN, 1V/Div, DC
TIME: 2ms/Div
C
OUT=10µF, CIN=10µF, RL=0.4Ω
CH3: V
OUT, 1V/Div, DC
CH4: V
POK, 5V/Div, DC
CH1: V
OUT, 50mV/Div, AC
CH2: I
OUT, 1A/Div, DC
TIME: 50
µs/Div
C
OUT=10µF, CIN=10µF
Load Transient Response
I
OUT
V
OUT
1
2
IOUT=10mA to 3A to 10mA (rise / fall time = 1µs)
Over Current Protection
I
OUT
V
OUT
1
4
CH1: V
OUT, 0.5V/Div, DC
CH4: I
OUT, 2A/Div, DC
TIME: 0.2ms/Div
C
OUT=10µF, CIN=10µF, IOUT= 2A to 5.6A
Power Off
V
CNTL
V
IN
V
OUT
V
POK
1
4
2
3
CH1: V
CNTL, 5V/Div, DC
CH2: V
IN, 1V/Div, DC
TIME: 2ms/Div
C
OUT=10µF, CIN=10µF, RL=0.4Ω
CH3: V
OUT, 1V/Div, DC
CH4: V
POK, 5V/Div, DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com