Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APL5930KAI Datasheet(PDF) 2 Page - Anpec Electronics Coropration

Part # APL5930KAI
Description  3A, Ultra Low Dropout (0.23V Typical) Linear Regulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL5930KAI Datasheet(HTML) 2 Page - Anpec Electronics Coropration

  APL5930KAI Datasheet HTML 1Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 2Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 3Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 4Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 5Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 6Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 7Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 8Page - Anpec Electronics Coropration APL5930KAI Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.4 - Sep., 2009
APL5930
www.anpec.com.tw
2
Ordering and Marking Information
Symbol
Parameter
Rating
Unit
VIN
VIN Supply Voltage (VIN to GND)
-0.3 ~ 4.0
V
VCNTL
VCNTL Supply Voltage (VCNTL to GND)
-0.3 ~ 7
V
VOUT
VOUT to GND Voltage
-0.3 ~ VIN +0.3
V
POK to GND Voltage
-0.3 ~ 7
V
EN, FB to GND Voltage
-0.3 ~ VCNTL +0.3
V
PD
Power Dissipation
3
W
TJ
Maximum Junction Temperature
150
oC
TSTG
Storage Temperature
-65 ~ 150
oC
TSDR
Maximum Lead Soldering Temperature, 10 Seconds
260
oC
Absolute Maximum Ratings (Note 1)
Thermal Characteristics
Symbol
Parameter
Typical Value
Unit
θ
JA
Junction-to-Ambient Resistance in Free Air
(Note 2)
SOP-8P
42
oC/W
θ
JC
Junction-to-Case Resistance in Free Air
(Note 3)
SOP-8P
18
oC/W
Note 2:
θ
JA is measured with the component mounted on a high effective thermal conductivity test board in free air. The exposed pad
of SOP-8P is soldered directly on the PCB.
Note 3: The “Thermal Pad Temperature” is measured on the PCB copper area connected to the thermal pad of package.
Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which
are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for
MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen
free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by
weight).
Note 1: Absolute Maximum Ratings are those values beyond which the life of a device may be impaired. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
1
2
3
4
8
7
6
5
VIN
Measured Point
PCB Copper
APL5930
Handling Code
Temperature Range
Package Code
Package Code
KA : SOP-8P
Operating Ambient Temperature Range
I : -40 to 85 oC
Handling Code
TR : Tape & Reel
Assembly Material
G : Halogen and Lead Free Device
Assembly Material
APL5930 KA :
APL5930
XXXXX
XXXXX - Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com