Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56R65 Datasheet (PDF) - Holtek Semiconductor Inc

HT56R65 Datasheet PDF - Holtek Semiconductor Inc
Part # HT56R65
Download  HT56R65 Download
File Size   720.79 Kbytes
Page   108 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description TinyPower A/D Type with LCD 8-Bit OTP MCU

HT56R65 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT56R65 Datasheet PDF - Holtek Semiconductor Inc

Part # HT56R65
Download  HT56R65 Click to download

File Size   720.79 Kbytes
Page   108 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description TinyPower A/D Type with LCD 8-Bit OTP MCU

HT56R65 Datasheet (HTML) - Holtek Semiconductor Inc


HT56R65 Product details

General Description

These TinyPowerTM A/D Type with LCD 8-bit high performance RISC architecture microcontrollers are specifically, designed for applications that interface directly to analog signals and which require an LCD or LED interface. The devices include an integrated multi-channel Analog to Digital Converter, Pulse Width Modulation outputs and an LCD/LED driver.



Features

• Operating voltage:

   ♦ fSYS=32768Hz: 2.2V~5.5V

   ♦ fSYS=4MHz: 2.2V~5.5V

   ♦ fSYS=8MHz: 3.0V~5.5V

   ♦ fSYS=12MHz: 4.5V~5.5V

• Operating current:

   ♦ fSYS=1MHz at 3V, 170µA, typ.

   ♦ fSYS=32kHz at 3V, 6µA, typ.

• OTP Program Memory: 2K×14~8K×16

• RAM Data Memory: 128×8~1152×8

• 20 to 24 bidirectional I/O lines

• TinyPower technology for low power operation

• Three pin-shared external interrupts lines

• Multiple programmable Timer/Event Counters with overflow interrupt and 7-stage prescaler

• External Crystal, RC and 32768 XTAL oscillators

• Fully integrated RC 32kHz oscillator

• Externally supplied system clock option

• Watchdog Timer function

• PFD/Buzzer for audio frequency generation

• Dual Serial Interfaces: SPI and I2C

• LCD and LED driver function

• 4 operating modes: normal, slow, idle and sleep

• 6 or 8-channel 12-bit resolution A/D converter

• 3 or 4-channel 12-bit PWM outputs

• Low voltage reset function: 2.1V, 3.15V, 4.2V

• Low voltage detect function: 2.2V, 3.3V, 4.4V

• Bit manipulation instruction

• Table read instructions

• 63 powerful instructions

• Up to 0.33µs instruction cycle with 12MHz system clock at VDD=5V

• Multiple level subroutine nesting

• All instructions executed in one or two machine cycles

• Power down and wake-up functions to reduce power consumption

• Wide range of available package types



 




Similar Part No. - HT56R65

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R65 HOLTEK-HT56R65 Datasheet
5Mb / 145P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
March 6, 2013
HT56R654 HOLTEK-HT56R654 Datasheet
5Mb / 145P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
March 6, 2013
HT56R654 HOLTEK-HT56R654_12 Datasheet
786Kb / 108P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R656 HOLTEK-HT56R656 Datasheet
5Mb / 145P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
March 6, 2013
HT56R656 HOLTEK-HT56R656_12 Datasheet
786Kb / 108P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
More results


Similar Description - HT56R65

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R652 HOLTEK-HT46R652 Datasheet
404Kb / 47P
A/D with LCD Type 8-Bit OTP MCU
December 19, 2006
HT56R64 HOLTEK-HT56R64 Datasheet
723Kb / 90P
TinyPower A/D Type with LCD 8-Bit OTP MCU
September 8, 2009
HT56R66 HOLTEK-HT56R66 Datasheet
801Kb / 104P
TinyPower A/D Type with LCD 8-Bit OTP MCU
September 8, 2009
HT56R67 HOLTEK-HT56R67 Datasheet
810Kb / 104P
TinyPower A/D Type with LCD 8-Bit OTP MCU
September 14, 2009
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
A/D with LCD Type 8-Bit OTP MCU
May 25, 2011
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
March 6, 2013
HT56R66 HOLTEK-HT56R66_14 Datasheet
4Mb / 123P
TinyPower A/D Type with LCD 8-Bit OTP MCU
2014-04-04
HT56R67 HOLTEK-HT56R67_14 Datasheet
4Mb / 129P
TinyPower A/D Type with LCD 8-Bit OTP MCU
2014-04-04
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com