Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56R65 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT56R65
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R65 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT56R65 Datasheet HTML 1Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 2Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 3Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 4Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 5Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 6Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 7Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 8Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
Selection Table
Most features are common to all devices, the main feature distinguishing them are Program Memory capacity, I/O count,
stack capacity and package types. The following table summarises the main features of each device.
Part No.
VDD
Program
Memory
Data
Memory
I/O
LCD
Timer
A/D
PWM
Stack
Package
Types
8-bit 16-bit
HT56R62
2.2V~
5.5V
2K
´14
128
´8
20
24
´4
or
25
´3
2
¾
12-bit
´6 12-bit´3
6
52QFP,
64LQFP
HT56R65
2.2V~
5.5V
8K
´16
576
´8
24
40
´4
or
41
´3
21
12-bit
´8 12-bit´4
12
52QFP,
64LQFP,
100QFP
HT56R642
2.2V~
5.5V
4K
´15
384
´8
24
16
´16
or
24
´8
11
12-bit
´8 12-bit´4
8
64LQFP
HT56R644
2.2V~
5.5V
4K
´15
576
´8
24
32
´16
or
40
´8
1
1
12-bit
´8 12-bit´4
8
100QFP
HT56R654
8K
´16
1152
´8
212
HT56R656
2.2V~
5.5V
8K
´16
1152
´8
24
48
´16
or
56
´8
21
12-bit
´8 12-bit´4
12
100QFP
Note:
1. The devices are only available in OTP versions.
2. For devices that exist in more than one package formats, the table reflects the situation for the larger
package.
Block Diagram
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
Rev. 1.00
2
July 20, 2009
O T P
P r o g r a m m i n g
C i r c u i t r y
W a t c h d o g
T i m e r
W a t c h d o g
T i m e r O s c i l l a t o r
8 - b i t
R I S C
M C U
C o r e
R e s e t
C i r c u i t
I n t e r r u p t
C o n t r o l l e r
E x t e r n a l
R C / C r y s t a l
O s c i l l a t o r
A / D
C o n v e r t e r
P r o g r a m m a b l e
F r e q u e n c y
G e n e r a t o r
P W M
G e n e r a t o r
E x t e r n a l R T C
O s c i l l a t o r
I n t e r n a l R C
O s c i l l a t o r
I / O
P o r t s
R A M
D a t a
M e m o r y
O T P
P r o g r a m
M e m o r y
S t a c k
L C D / L E D
D r i v e r
I 2 C / S P I
T i m e r s
L o w
V o l t a g e
R e s e t
L o w
V o l t a g e
D e t e c t



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com