Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56R65 Datasheet(PDF) 79 Page - Holtek Semiconductor Inc

Part # HT56R65
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R65 Datasheet(HTML) 79 Page - Holtek Semiconductor Inc

Back Button HT56R65 Datasheet HTML 75Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 76Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 77Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 78Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 79Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 80Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 81Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 82Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 83Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 108 page
background image
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
Rev. 1.00
79
July 20, 2009
Register
Reset
(Power-on)
RES Reset
(Normal Operation)
WDT Time-out
(Normal Operation)
WDT Time-out
(HALT)
PAPU
0000 0000
0000 0000
0000 0000
uuuu uuuu
PBPU
-- 11 1111
-- 11 1111
-- 11 1111
-- uu uuuu
PDPU
- 111 - 111
- 111 - 111
- 111 - 111
- uuu - uuu
INTEDGE
---- 0000
---- 0000
---- 0000
---- uuuu
LCDCTRL
000
- 0000
000
- 0000
000
- 0000
uuu
- uuuu
LCDOUT1
---- --- 0
---- --- 0
---- --- 0
---- --- u
LCDOUT2
0000 0000
0000 0000
0000 0000
uuuu uuuu
MISC
0000 1010
0000 1010
0000 1010
uuuu uuuu
MFIC
0000 0000
0000 0000
0000 0000
uuuu uuuu
SIMCTL0
1110 0000
1110 0000
1110 0000
uuuu uuuu
SIMCTL1
1000 00
- 1
1000 00
- 1
1000 00
- 1
uuuu uu
- u
SIMDR
xxxx xxxx
xxxx xxxx
xxxx xxxx
uuuu uuuu
SIMAR/SIMCTL2
0000 0000
0000 0000
0000 0000
uuuu uuuu
Note:
²u² stands for unchanged
²x² stands for unknown
²-² stands for unimplemented



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com