Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT56R65 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT56R65
Description  TinyPower A/D Type with LCD 8-Bit OTP MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT56R65 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT56R65 Datasheet HTML 9Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 10Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 11Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 12Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 13Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 14Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 15Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 16Page - Holtek Semiconductor Inc HT56R65 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 108 page
background image
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VIL1
Input Low Voltage for I/O Ports,
TMR and INT
¾¾
0
¾
0.3VDD
V
VIH1
Input High Voltage for I/O Ports,
TMR and INT
¾¾
0.7VDD
¾
VDD
V
VIL2
Input Low Voltage (RES)
¾¾
0
¾
0.4VDD
V
VIH2
Input High Voltage (RES)
¾¾
0.9VDD
¾
VDD
V
VLVR
Low Voltage Reset Voltage
¾ Configuration option: 4.2V
3.98
4.2
4.42
V
¾ Configuration option: 3.15V
2.98
3.15
3.32
V
¾ Configuration option: 2.1V
1.98
2.1
2.22
V
VLVD
Low Voltage Detector Voltage
¾ Configuration option: 2.2V
2.08
2.2
2.32
V
¾ Configuration option: 3.3V
3.12
3.3
3.50
V
¾ Configuration option: 4.4V
4.12
4.4
4.70
V
IOL1
I/O Port Sink Current
(PA, PB, PD; SEG, COM Level or
LED Output)
3V
VOL=0.1VDD
612
¾
mA
5V
10
25
¾
mA
IOH1
I/O Port Source Current
(PA, PB, PD; SEG, COM Level or
LED Output)
3V
VOH=0.9VDD
-2
-4
¾
mA
5V
-5
-8
¾
mA
IOL2
LCD Common and Segment
Current
3V
VOL=0.1VDD
210
420
¾mA
5V
VOL=0.1VDD
350
700
¾mA
IOH2
LCD Common and Segment
Current
3V
VOH=0.9VDD
-80
-160
¾mA
5V
VOH=0.9VDD
-180
-360
¾mA
RPH
Pull-high Resistance for I/O
Ports
3V
¾
20
60
100
k
W
5V
¾
10
30
50
k
W
Note:
1. 32768Hz is slow start mode (RTCC.4=1) in D.C. current measurement.
2. LCD waveform is in Type A condition.
3. fS is internal clock for Buzzer, RTC, Time base and WDT.
4. Timer0/1 off. Timer filter disable in all test condition.
5. All peripherals are in OFF condition if not mentioned at IDD,ISTB tests.
HT56R62/HT56R65
HT56R642/HT56R644/HT56R654/HT56R656
Rev. 1.00
13
July 20, 2009



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com