Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R652 Datasheet (PDF) - Holtek Semiconductor Inc

HT46R652 Datasheet PDF - Holtek Semiconductor Inc
Part # HT46R652
Download  HT46R652 Download
File Size   404.63 Kbytes
Page   47 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D with LCD Type 8-Bit OTP MCU

HT46R652 Datasheet (PDF)

Go To PDF Page Download Datasheet
HT46R652 Datasheet PDF - Holtek Semiconductor Inc

Part # HT46R652
Download  HT46R652 Click to download

File Size   404.63 Kbytes
Page   47 Pages
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc
Description A/D with LCD Type 8-Bit OTP MCU

HT46R652 Datasheet (HTML) - Holtek Semiconductor Inc


HT46R652 Product details

General Description

The HT46R652 is an 8-bit, high performance, RISC architecture microcontroller devices specifically designed for A/D product applications that interface directly to analog signals and which require an LCD Interface.

The advantages of low power consumption, I/O flexibility, timer functions, oscillator options, multi-channel A/D Converter, Pulse Width Modulation function, Power-down and wake-up functions, in addition to a flexible and configurable LCD interface enhance the versatility of these devices to control a wide range of applications requiring analog signal processing and LCD interfacing, such as electronic metering, environmental monitoring, handheld measurement tools, motor driving, etc. for both the industrial and home appliance application areas.



Features

• Operating voltage:

   fSYS=4MHz: 2.2V~5.5V

   fSYS=12MHz: 3.3V~5.5V

• 32 bidirectional I/O lines

• Two external interrupt inputs

• Two 16-bit programmable timer/event counters with PFD (programmable frequency divider) function

• LCD driver with 41x3 or 40x4 segments (logical output option for SEG0~SEG23)

• 8Kx16 program memory

• 384x8 data memory RAM

• PFD for sound generation

• Real Time Clock (RTC)

• 8-bit RTC prescaler

• Watchdog Timer

• Buzzer output

• On-chip crystal, RC and 32768Hz crystal oscillator

• Power-down function and wake-up features reduce power consumption

• 16-level subroutine nesting

• 8-channel 12-bit resolution A/D converter

• 16-channel 8-bit PWM output shared with 16 I/O lines

• Bit manipulation instruction

• 16-bit table read instruction

• Up to 0.33μs instruction cycle with 12MHz system clock

• 63 powerful instructions

• All instructions in 1 or 2 machine cycles

• Low voltage reset/detector function

• 100-pin QFP package



 




Similar Part No. - HT46R652

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
A/D with LCD Type 8-Bit OTP MCU
May 25, 2011
More results


Similar Description - HT46R652

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R62 HOLTEK-HT56R62 Datasheet
720Kb / 108P
TinyPower A/D Type with LCD 8-Bit OTP MCU
July 20, 2009
HT56R64 HOLTEK-HT56R64 Datasheet
723Kb / 90P
TinyPower A/D Type with LCD 8-Bit OTP MCU
September 8, 2009
HT56R66 HOLTEK-HT56R66 Datasheet
801Kb / 104P
TinyPower A/D Type with LCD 8-Bit OTP MCU
September 8, 2009
HT56R67 HOLTEK-HT56R67 Datasheet
810Kb / 104P
TinyPower A/D Type with LCD 8-Bit OTP MCU
September 14, 2009
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
A/D with LCD Type 8-Bit OTP MCU
May 25, 2011
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
March 6, 2013
HT56R66 HOLTEK-HT56R66_14 Datasheet
4Mb / 123P
TinyPower A/D Type with LCD 8-Bit OTP MCU
2014-04-04
HT56R67 HOLTEK-HT56R67_14 Datasheet
4Mb / 129P
TinyPower A/D Type with LCD 8-Bit OTP MCU
2014-04-04
More results




About Holtek Semiconductor Inc


Holtek Semiconductor Inc. is a Taiwanese semiconductor company that specializes in the design and manufacture of microcontrollers, mixed-signal integrated circuits, and other semiconductor products. The company was founded in 1998 and is headquartered in Taipei, Taiwan.

Holtek Semiconductor's products are used in a wide range of applications, including consumer electronics, home appliances, security systems, and industrial automation. The company's product portfolio includes a variety of microcontrollers, such as 8-bit, 16-bit, and 32-bit microcontrollers, as well as mixed-signal integrated circuits, such as power management ICs, motor control ICs, and LED driver ICs.

Holtek Semiconductor is committed to quality and reliability, and it has obtained various certifications, including ISO 9001 and ISO 14001. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Holtek Semiconductor is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and cost-effective solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com