Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R652 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT46R652 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 47 page
background image
Pin Description
Pin Name
I/O
Options
Description
PA0/BZ
PA1/BZ
PA2
PA3/PFD
PA4/TMR0
PA5/INT0
PA6/INT1
PA7/TMR1
I/O
Wake-up
Pull-high
Buzzer
PFD
Bidirectional 8-bit input/output port. Each individual pin on this port can be
configured as a wake-up input by a configuration option. Software instruc-
tions determine if the pin is a CMOS output or Schmitt trigger input. Configu-
ration options determine which pins on the port have pull-high resistors. Pins
PA0, PA1 and PA3 are pin-shared with BZ, BZ and PFD respectively. Pins
PA5, PA6, PA4 and PA7 are pin-shared with INT0, INT1, TMR0 and TMR1
respectively.
PB0/AN0~
PB7/AN7
I/O
Pull-high
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input. Configuration options determine
which pins on the port have pull-high resistors. PB is pin-shared with the A/D
input pins. The A/D inputs are selected via software instructions. Once a PB
line is selected as an A/D input, the I/O function and pull-high resistor
functions are disabled automatically.
PC0/PWM0~
PC7/PWM7
I/O
Pull-high
PWM
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input. Configuration options determine if
all pins on the port have pull-high resistors. A configuration option deter-
mines if all of the pins on this port are to be used as PWM outputs. Individual
pins cannot be selected to have a PWM function.
PD0/PWM8~
PD7/PWM15
I/O
Pull-high
PWM
Bidirectional 8-bit input/output port. Software instructions determine if the pin
is a CMOS output or Schmitt trigger input. Configuration options determine
which pins on the port have pull-high resistors. A configuration option for
each pin on this port determines if each pin is to be used as a PWM output.
VLCD
I
¾
LCD power supply
VMAX
I
¾
IC maximum voltage connect to VDD, VLCD or V1
V1, V2, C1, C2
I
¾
Voltage pump
COM0~COM2
COM3/SEG40
O
1/3or1/4 Duty
SEG40 can be set as a segment or as a common output driver for LCD panel
by options. COM0~COM2 are outputs for the LCD panel.
SEG0~SEG39
O
Logical Output
LCD driver outputs for the the LCD panel segments. SEG0~SEG23 can be
configured as logical outputs via a configuration option.
OSC1
OSC2
I
O
Crystal or RC
OSC1 and OSC2 are connected to an RC network or external crystal (deter-
mined by a configuration option) for the internal system clock. If the RC sys-
tem clock is selected, OSC2 can be used to measure the system clock at 1/4
frequency. The system clock may also be sourced from the RTC oscillator, in
which case these two pins can be left floating.
OSC3
OSC4
I
O
RTC or
System Clock
Real time clock oscillator. OSC3 and OSC4 are connected to a 32768Hz
crystal oscillator for timing purposes or to form a system clock source, de-
pending on configuration options.
RES
I
¾
Schmitt trigger reset input, active low
VDD
¾¾
Positive power supply
AVDD/VREF
Analog positive power supply and A/D converter reference input voltage.
PCVDD
¾¾
Port C positive power supply
PDVDD
¾¾
Port D positive power supply
VSS/AVSS
¾¾
Negative power supply and analog negative power supply, ground
PCVSS
¾¾
Port C negative power supply, ground
PDVSS
¾¾
Port D negative power supply, ground
Note:
Individual pins on PC cannot be selected as a PWM output, if the PWM configuration option is selected for this
port then all pins on PC will be setup as PWM outputs.
HT46R652
Rev. 1.00
4
December 19, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com