Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R652 Datasheet(PDF) 29 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 29 Page - Holtek Semiconductor Inc

Back Button HT46R652 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 26Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 27Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 28Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 29Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 30Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 31Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 32Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 33Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 47 page
background image
HT46R652
Rev. 1.00
29
December 19, 2006
Configuration Options
The following shows the configuration options in the device. All these options must be defined in order to ensure proper
functioning of the microcontroller.
Options
OSC type selection. This option is to decide if an RC or crystal or 32768Hz crystal oscillator is chosen as the system
clock.
WDT, RTC and time base clock source selection.
There are three types of selections: system clock/4 or RTC OSC or WDT OSC.
WDT enable/disable selection. WDT can be enabled or disabled by option.
WDT time-out period selection. There are four types of selection: WDT clock source divided by 2
12/f
S~2
13/f
S,
2
13/f
S~2
14/f
S,2
14/f
S~2
15/f
S or 2
15/f
S~2
16/f
S.
CLR WDT times selection. This option defines the method to clear the WDT by instruction.
²One time² means that
the
²CLR WDT² instruction can clear the WDT. ²Two times² means only if both of the ²CLR WDT1² and ²CLR WDT2²
instructions have been executed, the WDT can be cleared.
Time Base time-out period selection. The Time Base time-out period ranges from 2
12/f
S to 2
15/f
S.
²fS² means the clock
source selected by options.
Buzzer output frequency selection. There are eight types of frequency signals for buzzer output: fS/2
2~f
S/2
9. ²fS²
means the clock source selected by options.
Wake-up selection. This option defines the wake-up capability. External I/O pins (PA only) all have the capability to
wake-up the chip from a HALT by a falling edge (bit option).
Pull-high selection. This option is to decide whether the pull-high resistance is visible or not in the input mode of the
I/O ports. PA, PB, PC and PD can be independently selected (bit option).
I/O pins shared with other function selections.
PA0/BZ, PA1/BZ: PA0 and PA1 can be set as I/O pins or as buzzer outputs.
LCD common selection. There are three types of selections: 2 common (1/2 duty) or 3 common (1/3 duty) or 4 com-
mon (1/4 duty). If the 4 common is selected, the segment output pin
²SEG40² will be setup as a common output.
LCD bias power supply selection.
There are two types of selections: 1/2 bias or 1/3 bias
LCD bias type selection. This option is to determine what kind of bias is selected, R type or C type.
LCD driver clock frequency selection.
There are seven types of frequency signals for the LCD driver circuits: fS/2
2~f
S/2
8. ²fS² stands for the clock source se-
lection by options.
LCD ON/OFF at HALT selection.
LCD Segments as logical output selection, (byte, byte, bit, bit, bit, bit, bit, bit, bit, bit option)
[SEG0~SEG7], [SEG8~SEG15], SEG16, SEG17, SEG18, SEG19, SEG20, SEG21, SEG22, or SEG23
LVR selection. LVR enable\disable option
LVD selection. LVD enable\disable option
PFD selection. If PA3 is setup as a PFD output, there are two types of selections; One is PFD0 as the PFD output, the
other is PFD1 as the PFD output. PFD0, PFD1 are the timer overflow signals of the Timer/Event Counter 0 and
Timer/Event Counter 1, respectively.
PWM selection: (7+1) or (6+2) mode
PC0~PC7: General Purpose I/Os or PWM outputs (port option
- no individual pin selection)
PD0~PD7: General Purpose I/O or PWM output (bit option
- individual pin selection)
INT0 or INT1 triggering edge selection: disable; high to low; low to high; low to high or high to low.
LCD bias current selection: low/high driving current (for R type only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com