Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R652 Datasheet(PDF) 13 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 13 Page - Holtek Semiconductor Inc

Back Button HT46R652 Datasheet HTML 9Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 10Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 17Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 47 page
background image
HT46R652
Rev. 1.00
13
December 19, 2006
During the execution of an interrupt subroutine, other
maskable interrupt acknowledgments are all held until
the
²RETI² instruction is executed or the EMI bit and the
related interrupt control bit are set both to 1 (if the stack
is not full). To return from the interrupt subroutine,a
²RET² or ²RETI² instruction may be executed. RETI sets
the EMI bit and enables an interrupt service, but RET
does not.
Interrupts occurring in the interval between the rising
edges of two consecutive T2 pulses are serviced on the
latter of the two T2 pulses if the corresponding interrupts
are enabled. In the case of simultaneous requests, the
priorities in the following table apply. These can be
masked by resetting the EMI bit.
Interrupt Source
Priority
Vector
External interrupt 0
1
04H
External interrupt 1
2
08H
Timer/Event Counter 0 overflow
3
0CH
Timer/Event Counter 1 overflow
4
10H
Time base interrupt
5
14H
Real time clock interrupt
6
18H
The EMI, EEI0, EEI1, ET0I, ET1I, ETBI, and ERTI bits
are all used to control the enable/disable status of the in-
terrupts. These bits prevent the requested interrupt from
being serviced. Once the interrupt request flags, RTF,
TBF, T0F, T1F, EIF1, EIF0 are set, they remain in the
INTC1 or INTC0 register respectively until the interrupts
are serviced or cleared by a software instruction.
It is recommended that a program should not use a
²CALL² instruction within the interrupt subroutine. This is
because interrupts often occur in an unpredictable man-
ner or require to be serviced immediately in some appli-
cations. During that period, if only one stack is left, and
enabling the interrupt is not well controlled, execution of
a
²CALL² in the interrupt subroutine may damage the
original control sequence.
Oscillator Configuration
The device provides three oscillator circuits for the sys-
tem clock, namely an RC oscillator, a crystal oscillator
and an RTC 32768Hz crystal oscillator, the choice of
which is determined by configuration option. When the
device enters the Power Down mode, the RC or crystal
oscillator will cease running to conserve power. The
32768Hz crystal oscillator, however, will keep running
when the device is in the Power Down mode. If the
32768Hz crystal oscillator is selected as the system os-
cillator, when the device enters the Power Down mode,
the system oscillator keeps running, but instruction exe-
cution will cease. Since the 32768Hz oscillator is also
designed for timing purposes, the internal timing func-
tions, RTC, time base and WDT, continue to operate
even when the system enters the Power Down mode.
If the RC oscillator is used, an external resistor con-
nected between pins OSC1 and VSS is required, whose
value should range from 24k
W to 1MW. The system clock,
divided by 4, can be monitored on pin OSC2 if a pull-high
resistor is connected. This pin can be used to synchro-
nise external logic. The RC oscillator provides the most
cost effective solution. However, as the frequency may
vary with VDD, temperature, and process variations, it is
therefore not suitable for timing sensitive operations
where an accurate oscillator frequency is desired.
If a crystal oscillator is selected, a crystal across OSC1
and OSC2 is needed to provide the feedback and phase
shift required for the oscillator, and no other external
components are required. A resonator may be connected
between OSC1 and OSC2 to replace the crystal and to
get a frequency reference, but two external capacitors
between OSC1 and OSC2 and ground are required.
The other oscillator circuit, which is a real time clock, re-
quires a 32768Hz crystal oscillator to be connected be-
tween OSC3 and OSC4.
The RTC oscillator circuit can be controlled to start-up
quickly by setting the
²QOSC² bit, which is bit 4 of
RTCC. It is recommended to turn on the quick start-up
function during power on, and then turn it off again after
2 seconds.
The WDT oscillator is a free running on-chip RC oscilla-
tor, which does not require external components. Al-
though when the system enters the Power Down mode
and the system clock stops, the WDT oscillator still oper-
ates with a nominal period of approximately 65
msat5V.
The WDT oscillator can be disabled by a configuration
option to conserve power.
C r y s t a l O s c i l l a t o r
R C O s c i l l a t o r
O S C 1
O S C 1
O S C 2
f S Y S / 4
O S C 2
3 2 7 6 8 H z C r y s t a l / R T C O s c i l l a t o r
O S C 3
O S C 4
V D D
4 7 0 p F
System Oscillator
Note: *32768Hz crystal enable condition: for WDT clock source or for system clock source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com