Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R652 Datasheet(PDF) 22 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 22 Page - Holtek Semiconductor Inc

Back Button HT46R652 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 25Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 26Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 47 page
background image
HT46R652
Rev. 1.00
22
December 19, 2006
PWM
The microcontroller provides a 16-channel PWM output
shared with pins PC0~PC7 and PD0~PD7. Its output
signals can be configured as (6+2) or (7+1) type de-
pendent upon configuration options. Each PWM chan-
nel has its own 8-bit data register, denoted as
PWM0~PWM15. The PWM frequency source comes
from fSYS. Once the PC0~PC7 and PD0~PD7 pins are
selected as PWM outputs, if the pins are setup as out-
puts, writing a
²1² to the PC0~PC7 and PD0~PD7 data
registers will enable the corresponding PWM output
function, while writing a
²0² will force the PC0~PC7 and
PD0~PD7 pins to remain at
²0².
In the (6+2) mode, the PWM cycle is divided into four
modulation cycles, modulation cycle 0~modulation cy-
cle 3. Each modulation cycle has 64 PWM input clock
periods. In the (6+2) mode, the contents of each PWM
register is divided into two groups. Group 1 of the PWM
register is denoted by a DC which is the value of
PWM.7~PWM.2. Group 2 is denoted by AC which is the
value of PWM.1~PWM.0.
In the (6+2) mode, the duty cycle of each modulation cy-
cle is shown in the table.
Parameter
AC (0~3)
Duty Cycle
Modulation cycle i
(i=0~3)
i<AC
DC
1
64
+
i
³AC
DC
64
The (7+1) mode PWM cycle is divided into two modula-
tion cycles, modulation cycle0~modulation cycle 1.
Each modulation cycle has 128 PWM input clock peri-
ods. In the (7+1) mode, the contents of each PWM reg-
ister is divided into two groups. Group 1 of the PWM
register is denoted by DC which is the value of
PWM.7~PWM.1. Group 2 is denoted by AC which is the
value of PWM.0.
In the (7+1) mode, the duty cycle of each modulation cy-
cle is shown in the table.
f S Y S / 2
P W M
[ P W M ] = 1 0 0
[ P W M ] = 1 0 1
P W M
[ P W M ] = 1 0 2
P W M
[ P W M ] = 1 0 3
P W M
P W M c y c l e : 2 5 6 / f S Y S
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 6 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 5 / 6 4
2 5 / 6 4
2 6 / 6 4
2 5 / 6 4
2 6 / 6 4
2 6 / 6 4
2 6 / 6 4
M o d u l a t i o n c y c l e 0
P W M m o d u l a t i o n p e r i o d : 6 4 / f S Y S
M o d u l a t i o n c y c l e 1
M o d u l a t i o n c y c l e 2
M o d u l a t i o n c y c l e 3
M o d u l a t i o n c y c l e 0
(6+2) PWM Mode
f S Y S / 2
P W M
[ P W M ] = 1 0 0
[ P W M ] = 1 0 1
P W M
[ P W M ] = 1 0 2
P W M
[ P W M ] = 1 0 3
P W M
P W M m o d u l a t i o n p e r i o d : 1 2 8 / f S Y S
5 0 / 1 2 8
5 1 / 1 2 8
5 1 / 1 2 8
5 2 / 1 2 8
5 0 / 1 2 8
5 0 / 1 2 8
5 1 / 1 2 8
5 1 / 1 2 8
5 0 / 1 2 8
5 1 / 1 2 8
5 1 / 1 2 8
5 2 / 1 2 8
M o d u l a t i o n c y c l e 0
P W M c y c l e : 2 5 6 / f S Y S
M o d u l a t i o n c y c l e 1
M o d u l a t i o n c y c l e 0
(7+1) PWM Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com