Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R652 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc

Back Button HT46R652 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 23Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
HT46R652
Rev. 1.00
19
December 19, 2006
timer/event counter and ends at FFFFH. Once an over-
flow occurs, the counter is reloaded from the timer/event
counter preload register, and generates an interrupt re-
quest flag, T0F; bit 6 of INTC0 and T1F; bit 4 of INTC1.
In the pulse width measurement mode with the values of
the T0ON/T1ON and T0E/T1E bits equal to 1, after the
TMR0 or TMR1 pin has received a transient from low to
high, or high to low if the T0E/T1E bit is
²0², it will start
counting until the TMR0 or TMR1 pin returns to its origi-
nal level and resets the T0ON/T1ON bit. The measured
result remains in the timer/event counter even if the acti-
vated transient occurs again. In other words, only a sin-
gle measurement can be made until the T0ON/T1ON is
again set. In this operation mode, the timer/event coun-
ter begins counting, not according to the logic level on
the pins, but according to the transient edges. In the
case of counter overflows, the counter is reloaded from
the timer/event counter register and issues an interrupt
request, as in the other two modes, i.e., event and timer
modes.
Bit No.
Label
Function
0
1
2
T0PSC0
T0PSC1
T0PSC2
To define the prescaler stages.
T0PSC2, T0PSC1, T0PSC0=
000: fINT=fSYS
001: fINT=fSYS/2
010: fINT=fSYS/4
011: fINT=fSYS/8
100: fINT=fSYS/16
101: fINT=fSYS/32
110: fINT=fSYS/64
111: fINT=fSYS/128
3
T0E
Defines the TMR0 active edge of the timer/event counter:
In Event Counter Mode (T0M1,T0M0)=(0,1):
1: count on falling edge;
0: count on rising edge
In Pulse Width measurement mode (T0M1,T0M0)=(1,1):
1: start counting on the rising edge, stop on the falling edge;
0: start counting on the falling edge, stop on the rising edge
4
T0ON
Enable/disable timer counting (0=disabled; 1=enabled)
5
¾
Unused bit, read as
²0²
6
7
T0M0
T0M1
Defines the operating mode T0M1, T0M0=
01= Event count mode (External clock)
10= Timer mode (Internal clock)
11= Pulse Width measurement mode (External clock)
00= Unused
TMR0C (0EH) Register
Bit No.
Label
Function
0~2
¾
Unused bit, read as
²0²
3
T1E
Defines the TMR1 active edge of the timer/event counter:
In Event Counter Mode (T1M1,T1M0)=(0,1):
1: count on falling edge;
0: count on rising edge
In Pulse Width measurement mode (T1M1,T1M0)=(1,1):
1: start counting on the rising edge, stop on the falling edge;
0: start counting on the falling edge, stop on the rising edge
4
T1ON
Enable/disable timer counting (0= disabled; 1= enabled)
5
T1S
Defines the TMR1 internal clock source (0=fSYS/4; 1=32768Hz)
6
7
T1M0
T1M1
Defines the operating mode T1M1, T1M0=
01= Event count mode (External clock)
10= Timer mode (Internal clock)
11= Pulse Width measurement mode (External clock)
00= Unused
TMR1C (11H) Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com