Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R652 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT46R652 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
HT46R652
A/D with LCD Type 8-Bit OTP MCU
Rev. 1.00
1
December 19, 2006
Features
· Operating voltage:
fSYS=4MHz: 2.2V~5.5V
fSYS=12MHz: 3.3V~5.5V
· 32 bidirectional I/O lines
· Two external interrupt inputs
· Two 16-bit programmable timer/event counters with
PFD (programmable frequency divider) function
· LCD driver with 41´3or40´4 segments
(logical output option for SEG0~SEG23)
· 8K´16 program memory
· 384´8 data memory RAM
· PFD for sound generation
· Real Time Clock (RTC)
· 8-bit RTC prescaler
· Watchdog Timer
· Buzzer output
· On-chip crystal, RC and 32768Hz crystal oscillator
· Power-down function and wake-up features reduce
power consumption
· 16-level subroutine nesting
· 8-channel 12-bit resolution A/D converter
· 16-channel 8-bit PWM output shared with 16 I/O lines
· Bit manipulation instruction
· 16-bit table read instruction
· Up to 0.33ms instruction cycle with 12MHz system
clock
· 63 powerful instructions
· All instructions in 1 or 2 machine cycles
· Low voltage reset/detector function
· 100-pin QFP package
General Description
The HT46R652 is an 8-bit, high performance, RISC ar-
chitecture microcontroller devices specifically designed
for A/D product applications that interface directly to an-
alog signals and which require an LCD Interface.
The advantages of low power consumption, I/O flexibil-
ity, timer functions, oscillator options, multi-channel A/D
Converter, Pulse Width Modulation function,
Power-down and wake-up functions, in addition to a
flexible and configurable LCD interface enhance the
versatility of these devices to control a wide range of ap-
plications requiring analog signal processing and LCD
interfacing, such as electronic metering, environmental
monitoring, handheld measurement tools, motor driv-
ing, etc. for both the industrial and home appliance ap-
plication areas.
Technical Document
· Tools Information
· FAQs
· Application Note
- HA0003E Communicating between the HT48 & HT46 Series MCUs and the HT93LC46 EEPROM
- HA0004E HT48 & HT46 MCU UART Software Implementation Method
- HA0005E Controlling the I2C bus with the HT48 & HT46 MCU Series
- HA0047E An PWM application example using the HT46 series of MCUs


Similar Part No. - HT46R652

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
A/D with LCD Type 8-Bit OTP MCU
May 25, 2011
More results

Similar Description - HT46R652

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT56R62 HOLTEK-HT56R62 Datasheet
720Kb / 108P
TinyPower A/D Type with LCD 8-Bit OTP MCU
July 20, 2009
HT56R64 HOLTEK-HT56R64 Datasheet
723Kb / 90P
TinyPower A/D Type with LCD 8-Bit OTP MCU
September 8, 2009
HT56R66 HOLTEK-HT56R66 Datasheet
801Kb / 104P
TinyPower A/D Type with LCD 8-Bit OTP MCU
September 8, 2009
HT56R67 HOLTEK-HT56R67 Datasheet
810Kb / 104P
TinyPower A/D Type with LCD 8-Bit OTP MCU
September 14, 2009
HT46R652 HOLTEK-HT46R652_11 Datasheet
318Kb / 45P
A/D with LCD Type 8-Bit OTP MCU
May 25, 2011
HT56R62 HOLTEK-HT56R62_12 Datasheet
786Kb / 108P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R64 HOLTEK-HT56R64_12 Datasheet
674Kb / 90P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
HT56R62 HOLTEK-HT56R62_13 Datasheet
5Mb / 145P
TinyPowerTM A/D Type with LCD 8-Bit OTP MCU
March 6, 2013
HT56R66 HOLTEK-HT56R66_14 Datasheet
4Mb / 123P
TinyPower A/D Type with LCD 8-Bit OTP MCU
2014-04-04
HT56R67 HOLTEK-HT56R67_14 Datasheet
4Mb / 129P
TinyPower A/D Type with LCD 8-Bit OTP MCU
2014-04-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com