Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R652 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT46R652 Datasheet HTML 1Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 2Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 3Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 4Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 5Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 6Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 7Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 8Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
Absolute Maximum Ratings
Supply Voltage ...........................VSS
-0.3V to VSS+6.0V
Storage Temperature ............................
-50°Cto125°C
Input Voltage..............................VSS
-0.3V to VDD+0.3V
Operating Temperature...........................
-40°Cto85°C
IOL Total ..............................................................300mA
IOH Total............................................................
-200mA
Total Power Dissipation .....................................500mW
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
D.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾
fSYS=4MHz
2.2
¾
5.5
V
¾
fSYS=12MHz
3.3
¾
5.5
V
AVDD
Analog Operating Voltage*
¾
VREF=AVDD
3.0
¾
5.5
V
IDD1
Operating Current
(Crystal OSC)
3V
No load, ADC off
fSYS=4MHz
¾
12
mA
5V
¾
35
mA
IDD2
Operating Current
(RC OSC)
3V
No load, ADC off
fSYS=4MHz
¾
12
mA
5V
¾
35
mA
IDD3
Operating Current
(Crystal OSC, RC OSC)
5V
No load, ADC off
fSYS=12MHz
¾
48
mA
IDD4
Operating Current
(fSYS=32768Hz)
3V
No load, ADC off
¾
0.3
0.6
mA
5V
¾
0.6
1
mA
ISTB1
Standby Current
(*fS=T1)
3V
No load, system HALT
LCD off at HALT
¾¾
1
mA
5V
¾¾
2
mA
ISTB2
Standby Current
(*fS=32.768kHz OSC)
3V
No load, system HALT
LCD on at HALT, C type
¾
2.5
5
mA
5V
¾
10
20
mA
ISTB3
Standby Current
(*fS=WDT RC OSC)
3V
No load, system HALT
LCD on at HALT, C type
¾
25
mA
5V
¾
610
mA
ISTB4
Standby Current
(*fS=32.768kHz OSC)
3V
No load, system HALT
LCD on at HALT, R type,
1/2 bias, VLCD=VDD
(Low bias current option)
¾
17
30
mA
5V
¾
34
60
mA
ISTB5
Standby Current
(*fS=32.768kHz OSC)
3V
No load, system HALT
LCD on at HALT, R type,
1/3 bias, VLCD=VDD
(Low bias current option)
¾
13
25
mA
5V
¾
28
50
mA
ISTB6
Standby Current
(*fS=WDT RC OSC)
3V
No load, system HALT
LCD on at HALT, R type,
1/2 bias, VLCD=VDD
(Low bias current option)
¾
14
25
mA
5V
¾
26
50
mA
ISTB7
Standby Current
(*fS=WDT RC OSC)
3V
No load, system HALT
LCD on at HALT, R type,
1/3 bias, VLCD=VDD
(Low bias current option)
¾
10
20
mA
5V
¾
19
40
mA
HT46R652
Rev. 1.00
5
December 19, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com