Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R652 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT46R652 Datasheet HTML 11Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 12Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 13Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 14Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 15Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 16Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 47 page
background image
HT46R652
Rev. 1.00
15
December 19, 2006
Real Time Clock
- RTC
The real time clock, RTC, is operated in the same man-
ner as the time base in that it is used to supply a regular
internal interrupt. Its time-out period ranges from fS/2
8 to
fS/2
15, the value being setup using software. Writing
data to the RT2, RT1 and RT0 bits in the RTCC register,
provides various time-out periods. If an RTC time-out
occurs, the related interrupt request flag, RTF; bit 6 of
INTC1, is set. But if the interrupt is enabled, and the
stack is not full, a subroutine call to location 18H occurs.
RT2
RT1
RT0
RTC Clock Divided Factor
000
2
8*
001
2
9*
010
2
10*
011
2
11*
100
2
12
101
2
13
110
2
14
111
2
15
Note: * not recommended to be used
Power Down Operation
The Power Down mode is entered by the execution of a
²HALT² instruction and results in the following.
· The system will cease to run but the WDT oscillator
will keep running if the WDT oscillator or the real time
clock is selected.
· The contents of the Memory and registers remain un-
changed.
· The WDT will be cleared and starts recounting, if the
WDT clock source is sourced from the WDT oscillator
or the real time clock oscillator.
· All I/O ports maintain their original status.
· The PDF flag is set but the TO flag is cleared.
· The LCD driver will maintain its function if the WDT
OSC or RTC OSC is selected.
The system will wake up from the Power Down mode via
an external reset, an interrupt, an external falling edge
signal on port A or a WDT overflow. An external reset will
generate a device initialisation, while a WDT overflow
performs a
²warm reset². After examining the TO and
PDF flags, the reason for the device reset can be deter-
mined. The PDF flag is cleared by a system power-up or
by executing the
²CLR WDT² instruction, and is set by
executing the
²HALT² instruction. The TO flag is set if a
WDT time-out occurs, and causes a wake-up that only
resets the Program Counter and the Stack Pointer, but
leaves the others in their original state.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake up the
device by a configuration option. If awakened by an I/O
port stimulus, the program resumes execution at the
next instruction following the
²HALT² instruction. Awak-
ening from an interrupt, two sequence may occur. If the
related interrupt is disabled or the interrupt is enabled
but the stack is full, the program resumes execution at
the next instruction. But if the interrupt is enabled, and
the stack is not full, a regular interrupt response takes
place.
When an interrupt request flag is set before entering the
Power Down mode, the system cannot be awakened us-
ing that interrupt.
If a wake-up events occur, it takes 1024 tSYS (system
clock periods) to resume normal operation. In other
words, a dummy period is inserted after the wake-up. If
the wake-up results from an interrupt acknowledgment,
the actual interrupt subroutine execution is delayed by
more than one cycle. However, if a wake-up results in
the next instruction execution, the execution will be per-
formed immediately after the dummy period is finished.
To minimise power consumption, all the I/O pins should
be carefully managed before entering the Power Down
mode.
Reset
There are three ways in which a reset may occur.
· RES pin is pulled low during normal operation
· RES pin is pulled low when in the Power Down mode
· A WDT time-out during normal operation
A WDT time-out when the device is in the Power Down
mode differs from other device reset conditions, as it will
perform a
²warm reset² that resets only the program
counter and the SP but leaves the other circuits in their
original state. Some registers remain unaffected during
other reset conditions. Most registers are reset to their
initial condition once the reset conditions are met. By ex-
amining the PDF and TO flags, the program can distin-
guish between the different types of device resets.
D i v i d e r
f S
8 t o 1
M u x .
P r e s c a l e r
R T 2
R T 1
R T 0
R T C I n t e r r u p t
2 8 / f S ~ 2 1 5 / f S
Real Time Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com