Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT46R652 Datasheet(PDF) 21 Page - Holtek Semiconductor Inc

Part # HT46R652
Description  A/D with LCD Type 8-Bit OTP MCU
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT46R652 Datasheet(HTML) 21 Page - Holtek Semiconductor Inc

Back Button HT46R652 Datasheet HTML 17Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 18Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 19Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 20Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 21Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 22Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 23Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 24Page - Holtek Semiconductor Inc HT46R652 Datasheet HTML 25Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 47 page
background image
HT46R652
Rev. 1.00
21
December 19, 2006
tion timer. If the pins are setup as inputs then they will al-
ways retain their input function. Once the BZ/BZ
configuration option is selected, the buzzer output sig-
nal is controlled by the PA0/PA1 data register.
The PA0/PA1 pins I/O functions are shown in the table.
PA0 I/O
I
I
OOOOOOOO
PA1 I/O
I
O
I
I
I
OOOOO
PA0 Mode
X
X
C
B
B
C
BBBB
PA1 Mode
X
C
X
X
X
C C C
B
B
PA0 Data
X
X
D
0
1 D0 0101
PA1 Data
X
D
X
X
X D1 D D
X
X
PA0 Pad Status
I
I
D
0
B D0 0B0B
PA1 Pad Status
I
D
I
I
I D1 DD 0 B
Note:
²I² input; ²O² output; ²D, D0, D1² Data
²B² buzzer option, BZ or BZ
²X² don¢t care; ²C² CMOS output
The PB port is also used for the A/D converter inputs.
The PWM outputs are shared with pins PC0~PC7 and
PD0~PD7. If the PWM function is enabled, the
PWM0~PWM15 outputs will appear on pins PC0~PC7
and PD0~PD7, if PC0~PC7 and PD0~PD7 are setup as
outputs. Writing a
²1² to the PC0~PC7 and PD0~PD7
data registers will enable the PWM output function while
writing a
²0² will force PC0~PC7 and PD0~PD7 to re-
main at a
²0²level. The I/O functions of PC0~PC7 and
PD0~PD7 are shown in the table.
I/O
Mode
I/P
(Normal)
O/P
(Normal)
I/P
(PWM)
O/P
(PWM)
PC0~PC7,
PD0~PD7
Logical
Input
Logical
Output
Logical
Input
PWM0~
PWM15
Any unused pins must be carefully managed to ensure
that there are no floating input lines which will result in in-
creased power consumption. It is therefore recom-
mended that any unused pins are setup as outputs or
connected to a pull-high resistor if setup as inputs.
The definitions of the PFD control signals and the PFD
output frequencies are listed in the following table.
Timer
Timer
Preload
Value
PA3
Data
Register
PA3
Pad
State
PFD
Frequency
OFF
X
0
0
X
OFF
X
1
U
X
ON
N
0
0
X
ON
N
1
PFD
fTMR/[2
´(M-N)]
Note:
²X² stands for unused
²U² stands for unknown
²M² is ²65536² for PFD0 or PFD1
²N² is the timer/event counter preload value
²fTMR² is the input clock frequency for the
timer/event counter
V D D
M
U
X
M
U
X
P F D E N
( P A 3 )
O P 0 ~ O P 7
T M R 0 f o r P A 4 o n l y
I N T 0 f o r P A 5 o n l y
I N T 1 f o r P A 6 o n l y
T M R 1 f o r P A 7 o n l y
S y s t e m W a k e - u p
( P A o n l y )
R e a d D a t a R e g i s t e r
P A 0 / P A 1 / P A 3 / P C 0 ~ P C 7 / P D 0 ~ P D 7
D
Q
C K
S
D
Q
C K
Q
S
C o n t r o l B i t
P U
D a t a B u s
W r i t e C o n t r o l R e g i s t e r
C h i p R e s e t
R e a d C o n t r o l R e g i s t e r
W r i t e D a t a R e g i s t e r
D a t a B i t
P A 0 / B Z
P A 1 / B Z
P A 2
P A 3 / P F D
P A 4 / T M R 0
P A 5 / I N T 0
P A 6 / I N T 1
P A 7 / T M R 1
P B 0 / A N 0 ~ P B 7 / A N 7
P C 0 / P W M 0 ~ P C 7 / P W M 7
P D 0 / P W M 8 ~ P D 7 / P W M 1 5
Q
B Z / B Z / P F D / P W M 0 ~ P W M 7 / P W M 8 ~ P W M 1 5
Input/Output Ports



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com