Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD2901D Datasheet (PDF) - Toshiba Semiconductor

TCD2901D Datasheet PDF - Toshiba Semiconductor
Part # TCD2901D
Download  TCD2901D Download
File Size   445.54 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CCD IMAGE SENSOR

TCD2901D Datasheet (PDF)

Go To PDF Page Download Datasheet
TCD2901D Datasheet PDF - Toshiba Semiconductor

Part # TCD2901D
Download  TCD2901D Click to download

File Size   445.54 Kbytes
Page   13 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CCD IMAGE SENSOR

TCD2901D Datasheet (HTML) - Toshiba Semiconductor


TCD2901D Product details

The TCD2901D is a high sensitive and low dark current 10550 elements×3 line CCD color image sensor which includes CCD drive circuit and clamp circuit. The sensor is designed for scanner.
The device contains a row of 10550 elements×3 line photodiodes which provide a 48 lines / mm (1200DPI) across a A4 size paper. The device is operated by 5 V pulse, and 12 V power supply.

FEATURES
● Number of Image Sensing Elements : 10550 elements×3 line
● Image Sensing Element Size : 4µm by 4µm on 4µm centers
● Photo Sensing Region : High sensitive and low dark current PN photodiode
● Distance Between Photodiode Array : 48µm (12 lines)
● Clock : 2 phase (5 V)
● Power Supply : 12 V Power Supply Voltage
● Internal Circuit : Clamp circuit
● Package : 22 pin CERDIP package
● Color Filter : Red, Green, Blue




Similar Part No. - TCD2901D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD2903D TOSHIBA-TCD2903D Datasheet
440Kb / 13P
CCD IMAGE SENSOR CCD(CHARGE COULED DEVICE)
TCD2905D TOSHIBA-TCD2905D Datasheet
247Kb / 22P
CCD Image Sensor CCD (charge coupled device)
More results


Similar Description - TCD2901D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD1205D TOSHIBA-TCD1205D Datasheet
484Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1304AP TOSHIBA-TCD1304AP Datasheet
511Kb / 14P
CCD LINEAR IMAGE SENSOR
TCD1500C TOSHIBA-TCD1500C Datasheet
469Kb / 13P
CCD LINEAR IMAGE SENSOR
TCD2553AD TOSHIBA-TCD2553AD Datasheet
501Kb / 14P
CCD IMAGE SENSOR
TCD2555D TOSHIBA-TCD2555D Datasheet
510Kb / 14P
CCD IMAGE SENSOR
logo
Hamamatsu Corporation
S9037-0902 HAMAMATSU-S9037-0902_15 Datasheet
332Kb / 12P
CCD image sensor
logo
ON Semiconductor
KAF-0261 ONSEMI-KAF-0261_16 Datasheet
276Kb / 14P
CCD Image Sensor
March, 2016 ??Rev. 3
logo
Toshiba Semiconductor
TCD2711DG TOSHIBA-TCD2711DG Datasheet
574Kb / 14P
TOSHIBA CCD Linear Image Sensor CCD
Rev.1.3 2019-01-15
TCD2717BFG TOSHIBA-TCD2717BFG Datasheet
690Kb / 21P
TOSHIBA CCD Linear Image Sensor CCD
Rev.3.0 2019-01-15
TCD2723BFG TOSHIBA-TCD2723BFG Datasheet
709Kb / 21P
TOSHIBA CCD Linear Image Sensor CCD
Rev.1.4 2019-01-08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com