Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCD2905D Datasheet (PDF) - Toshiba Semiconductor

TCD2905D Datasheet PDF - Toshiba Semiconductor
Part # TCD2905D
Download  TCD2905D Download
File Size   247.0 Kbytes
Page   22 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CCD Image Sensor CCD (charge coupled device)

TCD2905D Datasheet (PDF)

Go To PDF Page Download Datasheet
TCD2905D Datasheet PDF - Toshiba Semiconductor

Part # TCD2905D
Download  TCD2905D Click to download

File Size   247.0 Kbytes
Page   22 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description CCD Image Sensor CCD (charge coupled device)

TCD2905D Datasheet (HTML) - Toshiba Semiconductor


TCD2905D Product details

TOSHIBA CCD Image Sensor CCD (charge coupled device)

The TCD2905D is a high sensitive and low dark current 5400 elements × 6 line CCD color image sensor which includes CCD drive circuit and clamp circuit. The sensor is designed for scanner.
The device contains a row of 5400 elements × 6 line staggered photodiodes which provide a 48 lines/mm (1200 dpi) across a A4 size paper. The device is operated by 5 V pulse and 12 V power supply.

Features
• Number of Image Sensing Elements: 5400 elements × 6 line
• Image Sensing Element Size: 5.25 µm by 5.25 µm on 5.25 µm
• Photo Sensing Region: High sensitive and low dark current PN photodiode
• Distanced Between Photodiode Array: 63 µm (12 lines)
• Clock: 2 phase (5 V)
• Power Supply:12 V Power Supply Voltage
• Internal Circuit: Clamp Circuit
• Package: 22 pin CERDIP Package
• Color Filter: Red, Green, Blue




Similar Part No. - TCD2905D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD2901D TOSHIBA-TCD2901D Datasheet
445Kb / 13P
CCD IMAGE SENSOR
TCD2903D TOSHIBA-TCD2903D Datasheet
440Kb / 13P
CCD IMAGE SENSOR CCD(CHARGE COULED DEVICE)
More results


Similar Description - TCD2905D

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCD2000P TOSHIBA-TCD2000P Datasheet
261Kb / 11P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1001P TOSHIBA-TCD1001P Datasheet
288Kb / 11P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD1707D TOSHIBA-TCD1707D Datasheet
399Kb / 11P
CCD LINEAR IMAGE SENSOR CCD (CHARGE COUPLED DEVICE)
TCD2558D TOSHIBA-TCD2558D Datasheet
244Kb / 15P
TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
TCD1304DG TOSHIBA-TCD1304DG Datasheet
491Kb / 15P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
TCD2560D TOSHIBA-TCD2560D Datasheet
285Kb / 15P
TOSHIBA CCD Image Sensor CCD (charge coupled device)
TCD2703D TOSHIBA-TCD2703D Datasheet
263Kb / 13P
CCD Linear Image Sensor CCD (Charge Coupled Device)
TCD1201DG TOSHIBA-TCD1201DG Datasheet
461Kb / 12P
TOSHIBA CCD LINEAR IMAGE SENSOR CCD(Charge Coupled Device)
2004-02-09
TCD1706D TOSHIBA-TCD1706D Datasheet
208Kb / 11P
TOSHIBA CCD Linear Image Sensor CCD (charge coupled device)
2001-02-22
TCD1706DG TOSHIBA-TCD1706DG Datasheet
261Kb / 11P
TOSHIBA CCD Linear Image Sensor CCD (Charge Coupled Device)
2004-03-18
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com