Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7036 Datasheet (PDF) - Sitronix Technology Co., Ltd.

ST7036 Datasheet PDF - Sitronix Technology Co., Ltd.
Part # ST7036
Download  ST7036 Download
File Size   919.76 Kbytes
Page   70 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description Dot Matrix LCD Controller/Driver

ST7036 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST7036 Datasheet PDF - Sitronix Technology Co., Ltd.

Part # ST7036
Download  ST7036 Click to download

File Size   919.76 Kbytes
Page   70 Pages
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.
Description Dot Matrix LCD Controller/Driver

ST7036 Datasheet (HTML) - Sitronix Technology Co., Ltd.


ST7036 Product details

Description
The ST7036 dot-matrix liquid crystal display controller can display alphanumeric, Japanese kana characters, and symbols. It can be configured to drive a dot-matrix liquid crystal display under the control of a 4 / 8-bit with 6800-series, serial or fast I2C interface microprocessor.
Since all the functions such as display RAM, character generator ROM/RAM and liquid crystal driver, required for driving a dot-matrix liquid crystal display are internally provided on one chip, a minimal system can be used with this controller/driver.

Features
● 5 x 8 dot matrix possible
● Low power operation support:
   -- 2.7 to 5.5V
● Range of LCD driver power
   -- 3.0 to 7.0V
● 4-bit, 8-bit, serial or I2C-bus MPU interface
   enabled
● 80 x 8-bit display RAM (80 characters max.)
● 10,240-bit character generator ROM for a
   total of 256 character fonts(max)
● 64 x 8-bit character generator RAM(max)
● Support two display mode:
   16-com x 100-seg and 80 ICON
   24-com x 80-seg and 80 ICON
● 16 x 5 –bit ICON RAM(max)
● Wide range of instruction functions:
   Display clear, cursor home, display on/off,
   cursor on/off, display character blink, cursor
   shift, display shift, double height font
● Automatic reset circuit that initializes the
   controller/driver after power on and external
   reset pin
● Internal oscillator(Frequency=540kHz) and
   external clock
● Built-in voltage booster and follower circuit
   (low power consumption )
● COM/SEG direction selectable
● Multi-selectable for CGRAM/CGROM size
● Instruction compatible to ST7066U and
   KS0066U and HD44780
● Available in COG type




Similar Part No. - ST7036

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
Dot Matrix LCD Controller/Driver
ST7036-0A ETC-ST7036-0A Datasheet
864Kb / 72P
Dot Matrix LCD Controller/Driver
More results


Similar Description - ST7036

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
DOT MATRIX LCD CONTROLLER DRIVER
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
Dot Matrix LCD Controller Driver
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
Dot Matrix LCD Controller Driver
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
Dot Matrix LCD Controller/Driver
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
DOT MATRIX LCD CONTROLLER/DRIVER
logo
Neotec Semiconductor Lt...
NT7070B NEOTEC-NT7070B Datasheet
323Kb / 33P
Dot Matrix LCD Driver & Controller
Rev1.4 20130225
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com