Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7036 Datasheet(PDF) 2 Page - Sitronix Technology Co., Ltd.

Part # ST7036
Description  Dot Matrix LCD Controller/Driver
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7036 Datasheet(HTML) 2 Page - Sitronix Technology Co., Ltd.

  ST7036 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7036 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 70 page
background image
ST7036
V1.7a
2007/10/17
2/70
ST7036 Serial Specification Revision History
Version
Date
Description
0.1a
2003/04/28 1
st Edition
0.1b
2003/06/03
PAD Dimension:
IC L mark location modified
Chip Size X/Y modified
0.2a
2003/09/01 1. Include ST7036i
1.0
2003/10/24
1. Add application circuit for 3 line display.
2. 4 bit interface program example modified.
1.1
2003/12/24
1. Remove the instruction of frequency adjust.
2. Add the detail of CGRAM/CGROM arrangement.
1.2
2004/5/13
Remove ‘Preliminary’.
1.3
2004/5/26
1. Correct the I/O pad configuration.
2. Add comments for I
2C application.
1.4
2004/10/20 1. To modify icon RAM mapping. ( P.24 )
1.5
2005/06/13 Modify operating temperature range Ta=-35°C to 85°C
1.6
2005/10/17
1.
To modify Operating Temperature Range Ta=-30°C to 85°C
2.
To modify Storage Temperature Range Ta=-65°C to 150°C
3.
To modify the vlcd voltage Range 3.0v~7.0v
4.
To modify the limiting values -0.3v~+6.0v
5.
To add Chip Thickness: 635 um
1.7
2006/7/10
1. To modify Chip Thickness: 480 um
1.7a
2007/10/17 1. Adding description of 4-line interface in cover



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com